Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA8455 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TZA8455
Description  Pigtailed PD for analog application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TZA8455 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TZA8455 Datasheet HTML 1Page - List of Unclassifed Manufacturers TZA8455 Datasheet HTML 2Page - List of Unclassifed Manufacturers TZA8455 Datasheet HTML 3Page - List of Unclassifed Manufacturers TZA8455 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pigtailed PD for analog application
DataSheet TAP4NN3 Series
Teradian Inc.
- 2 / 4 -
DS-TP-110-Rev01
2004-07-14
Absolute Maximum Ratings
Parameters
Symbol
Unit
Min.
Max.
Remarks
Ambient Operating Temperature
Top
-40
85
Outdoor use
Storage Temperature
Tstg
-40
85
Reverse Voltage
VRP
V
-
15/20/
Reverse Current
IRP
mA
-
3/1 /
Forward Current
IFL
mA
-
50/2/
Lead Soldering Temp./Time
/sec
260/10
Electrical & Optical Characteristics
(Top = 25℃)
Parameters
Symbol
Condition
Unit
Min.
Typ.
Max.
Remark
Detection range
λ
VR=5V, R>0.75
R > 0.65
µm
1.1
1.6
Responsivity
R
VR=5V,λ=1.3µm
VR=5V, λ=1.5µm
A/W
0.80
0.85
0.85
0.90
Dark Current
ID
VR=5V
nA
1.0
Cut-off Frequency
fc
-3dB, VR=5V
GHz
2/3
RL=50Ω
Reverse Breakdown
Voltage
VBD
VR=5V, IRD=1µA
V
25/0
Capacitance
C
VR=5V, f=1MHz
pF
0.6
Second-Order Distortion
IMD2
VR=12V,
PAVG=0dBm,
OMI=0.4, Note1
dBc
-70
TAP4NN31)
TZP4NN32)
TBP4NN33)
Third-Order Distortion
IMD3
Note 1
dBc
-75
TZP4NN32)
TBP4NN33)
Back Reflection
IL
dB
-45
Active Area
Diameter
µm
75/70
45
for 2GHz
for 5GHz
Note1-1) TAP4NN3 : Two-tone test condition : f1=13MHz, f2=19MHz, f1
±f2
Note1-2) TZP4NN3 : Two-tone test condition : f1=320MHz, f2=450MHz, f1
±f2, λ=1550nm per channel
Note1-3) TBP4NN3 : same as the Note1-2
! Handling Caution
The Photo-diode can be damaged by overvoltage and current surges. Precautions should be
taken for transient power supply.
This device is susceptible to damage as a result of electrostatic discharge(ESD). Take proper
precautions during both handling and testing


Similar Part No. - TZA8455

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TZA8-10 RHOMBUS-IND-TZA8-10 Datasheet
35Kb / 1P
   TZA / TYA Series 5-Tap High Performance Passive Delay Modules
TZA8-20 RHOMBUS-IND-TZA8-20 Datasheet
35Kb / 1P
   TZA / TYA Series 5-Tap High Performance Passive Delay Modules
TZA8-5 RHOMBUS-IND-TZA8-5 Datasheet
35Kb / 1P
   TZA / TYA Series 5-Tap High Performance Passive Delay Modules
TZA8-7 RHOMBUS-IND-TZA8-7 Datasheet
35Kb / 1P
   TZA / TYA Series 5-Tap High Performance Passive Delay Modules
More results

Similar Description - TZA8455

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PDA2446 HP-PDA2446 Datasheet
267Kb / 8P
   Analog Pigtailed PIN Photodiodes
LSA2825 HP-LSA2825 Datasheet
192Kb / 6P
   Analog Coaxial Pigtailed Laser Module
logo
Finisar Corporation.
PIN-1310-5I-50SMF-FCUPC FINISAR-PIN-1310-5I-50SMF-FCUPC Datasheet
218Kb / 5P
   Analog Receiver, Pigtailed, PIN ROSA
logo
Agilent(Hewlett-Packard...
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
logo
Roithner LaserTechnik G...
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Rochester Electronics
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
   Pigtailed Coaxial Laser Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com