Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP212 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PHP212
Description  Dual P-channel enhancement mode MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP212 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PHP212 Datasheet HTML 3Page - NXP Semiconductors PHP212 Datasheet HTML 4Page - NXP Semiconductors PHP212 Datasheet HTML 5Page - NXP Semiconductors PHP212 Datasheet HTML 6Page - NXP Semiconductors PHP212 Datasheet HTML 7Page - NXP Semiconductors PHP212 Datasheet HTML 8Page - NXP Semiconductors PHP212 Datasheet HTML 9Page - NXP Semiconductors PHP212 Datasheet HTML 10Page - NXP Semiconductors PHP212 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Jun 18
7
Philips Semiconductors
Product specification
Dual P-channel enhancement mode
MOS transistor
PHP212
Fig.6
Capacitance as a function of drain-source
voltage; typical values.
handbook, halfpage
0
−4
−8
−12
−16
−20
1250
0
1000
750
500
250
MGG352
C
(pF)
VDS (V)
(1)
(2)
(3)
VGS = 0; f = 1 MHz; Tj =25 °C.
(1) Ciss.
(2) Coss.
(3) Crss.
Fig.7 Output characteristics; typical values.
handbook, halfpage
0
−4
−8
−12
0
−16
−12
−8
−4
MGG353
ID
(A)
VDS (V)
(4)
(5)
(6)
(1)
(2)
(3)
Tamb =25 °C; tp =80 µs; δ =0.
(1) VGS = −10 V.
(2) VGS = −5V.
(3) VGS = −4.5 V.
(4) VGS = −4V.
(5) VGS = −3.5 V.
(6) VGS = −3V.
Fig.8 Transfer characteristic; typical value.
VDS = −10 V; Tamb =25 °C; tp =80 µs; δ =0.
handbook, halfpage
0
−2
−4
−6
MGG354
−8
−16
−12
0
−4
VGS (V)
ID
(A)
Fig.9
Gate-source voltage and drain-source
voltage as functions of total gate charge;
typical values.
handbook, halfpage
04
16
−16
−12
−4
0
−8
812
MGG355
(1)
(2)
VDS, VGS
(V)
QG (nC)
VDD = −12.5 V; ID = −2 A; Tamb =25 °C.
(1) VDS.
(2) VGS.


Similar Part No. - PHP212

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP212L PHILIPS-PHP212L Datasheet
62Kb / 8P
   Dual P-channel enhancement mode MOS transistor
1997 Jun 20
More results

Similar Description - PHP212

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP212L PHILIPS-PHP212L Datasheet
62Kb / 8P
   Dual P-channel enhancement mode MOS transistor
1997 Jun 20
PHP206 PHILIPS-PHP206 Datasheet
54Kb / 8P
   Dual P-channel enhancement mode MOS transistor
1998 Feb 05
PHP222 PHILIPS-PHP222 Datasheet
54Kb / 8P
   Dual P-channel enhancement mode MOS transistor
1998 Apr 01
PHP225 PHILIPS-PHP225 Datasheet
119Kb / 12P
   Dual P-channel enhancement mode MOS transistor
1997 Jun 20
PHP109 PHILIPS-PHP109 Datasheet
101Kb / 12P
   P-channel enhancement mode MOS transistor
1997 Jun 18
logo
Nexperia B.V. All right...
BSH202 NEXPERIA-BSH202 Datasheet
229Kb / 8P
   P-channel enhancement mode MOS transistor
August 1998
logo
NXP Semiconductors
PHP1035 PHILIPS-PHP1035 Datasheet
51Kb / 8P
   P-channel enhancement mode MOS transistor
1998 Feb 18
PHP125 PHILIPS-PHP125 Datasheet
105Kb / 12P
   P-channel enhancement mode MOS transistor
1997 Jun 18
BSH201 PHILIPS-BSH201 Datasheet
150Kb / 7P
   P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH206 PHILIPS-BSH206 Datasheet
144Kb / 7P
   P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com