Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP20N06 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHP20N06
Description  PowerMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP20N06 Datasheet(HTML) 1 Page - NXP Semiconductors

  PHP20N06 Datasheet HTML 1Page - NXP Semiconductors PHP20N06 Datasheet HTML 2Page - NXP Semiconductors PHP20N06 Datasheet HTML 3Page - NXP Semiconductors PHP20N06 Datasheet HTML 4Page - NXP Semiconductors PHP20N06 Datasheet HTML 5Page - NXP Semiconductors PHP20N06 Datasheet HTML 6Page - NXP Semiconductors PHP20N06 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
PHP20N06E
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel enhancement mode
SYMBOL
PARAMETER
MAX.
UNIT
field-effect power transistor in a plastic
envelope.
V
DS
Drain-source voltage
60
V
The device is intended for use in
I
D
Drain current (DC)
22
A
Switched Mode Power Supplies
P
tot
Total power dissipation
75
W
(SMPS), motor control, welding, DC/DC
T
j
Junction temperature
175
˚C
and AC/DC converters, and in
R
DS(ON)
Drain-source on-state
0.08
automotive and general purpose
resistance
switching applications.
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
tab
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-
60
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-60
V
±V
GS
Gate-source voltage
-
-
30
V
I
D
Drain current (DC)
T
mb =
25 ˚C
-
22
A
I
D
Drain current (DC)
T
mb = 100 ˚C
-
15
A
I
DM
Drain current (pulse peak value)
T
mb =
25 ˚C
-
88
A
P
tot
Total power dissipation
T
mb =
25 ˚C
-
75
W
T
stg
Storage temperature
-
- 55
175
˚C
T
j
Junction temperature
-
-
175
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
2
K/W
mounting base
R
th j-a
Thermal resistance junction to
-
60
-
K/W
ambient
12 3
tab
d
g
s
August 1996
1
Rev 1.000


Similar Part No. - PHP20N06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP20N06 PHILIPS-PHP20N06 Datasheet
334Kb / 15P
   N-channel TrenchMOS transistor
Rev. 01-22 February 2001
PHP20N06T PHILIPS-PHP20N06T Datasheet
334Kb / 15P
   N-channel TrenchMOS transistor
Rev. 01-22 February 2001
PHP20N06T NXP-PHP20N06T Datasheet
383Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-27 November 2009
logo
Nexperia B.V. All right...
PHP20N06T NEXPERIA-PHP20N06T Datasheet
859Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02 - 27 November 2009
More results

Similar Description - PHP20N06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP5N40 PHILIPS-PHP5N40 Datasheet
54Kb / 7P
   PowerMOS transistor
February 1997 Rev 1.000
PHW7N60 PHILIPS-PHW7N60 Datasheet
56Kb / 7P
   PowerMOS transistor
June 1997 Rev 1.000
PHX1N40 PHILIPS-PHX1N40 Datasheet
60Kb / 7P
   PowerMOS transistor
June 1997 1 Rev 1.000
BUK436W-200A PHILIPS-BUK436W-200A Datasheet
71Kb / 7P
   PowerMOS transistor
July 1997 Rev 1.000
BUK438W-800A PHILIPS-BUK438W-800A Datasheet
65Kb / 7P
   PowerMOS transistor
February 1998 Rev 1.000
BUK444-800A PHILIPS-BUK444-800A Datasheet
67Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK444-800A PHILIPS-BUK444-800A Datasheet
52Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK453-100A PHILIPS-BUK453-100A Datasheet
57Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.100
BUK455-60H PHILIPS-BUK455-60H Datasheet
91Kb / 7P
   PowerMOS transistor
August 1994 Rev 1.000
BUK456-1000B PHILIPS-BUK456-1000B Datasheet
61Kb / 7P
   PowerMOS transistor
May 1995 Rev 1.200
BUK462-100A PHILIPS-BUK462-100A Datasheet
60Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com