Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT20-0263 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT20-0263
Description  Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT20-0263 Datasheet(HTML) 2 Page - Tyco Electronics

  AT20-0263_1 Datasheet HTML 1Page - Tyco Electronics AT20-0263_1 Datasheet HTML 2Page - Tyco Electronics AT20-0263_1 Datasheet HTML 3Page - Tyco Electronics AT20-0263_1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Digital Attenuator
31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT20-0263
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
2
RoHS
Compliant
Electrical Specifications: TA = 25°C
1
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Reference Insertion Loss
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
dB
dB
2.0
2.2
2.5
2.4
2.8
3.0
Attenuation Accuracy
2
Any Single Bit
Any Combination of Bits
DC - 1.0 GHz
DC - 2.0 GHz
± (0.25 +3% of atten setting in dB) dB
± (0.25 +3% of atten setting in dB) dB or ± 0.4 dB,
whichever is greater
VSWR
DC - 2.0 GHz
Ratio
1.6:1
Trise, Tfall
10% to 90%
ns
50
Ton, Toff
50% Control to 90/10% RF
ns
150
Transients
In-Band (peak-peak)
mV
50
1 dB Compression
Input Power
Input Power
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
+20
+28
Input IP3
For two-tone Input Power
Up to +5 dBm
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
+40
+48
Input IP2
For two-tone Input Power
Up to +5 dBm
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
+45
+68
Vcc
V
4.5
5.0
5.5
Vee
V
-8.0
-5.0
Icc
Vcc = 4.5 to 5.5V
Vctl = 0 to 0.8V, or Vcc –
2.1V to Vcc
mA
5.0
Iee
Vee = -5.0 to -8.0V
mA
1.0
1. All specifications apply when operated with bias voltages of +5V for Vcc and –5.0V for Vee.
2. This attenuator is guaranteed monotonic.
Absolute Maximum Ratings
3,4
Parameter
Absolute Maximum
Max Input Power
0.5 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
Supply Voltages
Vcc
Vee
+5.5V
-8.5V
Control Voltage
5
-0.5V to Vcc +0.5V
Operating Temperature
-40°C to +125°C
Storage Temperature
-65°C to +150°C
3.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
4.
M/A-COM does not recommend sustained operation near
these survivability limits.
5.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Recommended PCB Configuration


Similar Part No. - AT20-0263_1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT20-0263 MA-COM-AT20-0263_15 Datasheet
610Kb / 5P
   Digital Attenuator
More results

Similar Description - AT20-0263_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-263-PIN MACOM-AT-263-PIN Datasheet
168Kb / 4P
   Digital Attenuator 31.0dB, TTL Driver, DC-2.0 GHz
AT90-0001 MACOM-AT90-0001_1 Datasheet
238Kb / 4P
   Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-6.0 GHz
MAATCC0010 MACOM-MAATCC0010 Datasheet
276Kb / 6P
   Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-3.0 GHz
AT-283-PIN MACOM-AT-283-PIN Datasheet
192Kb / 4P
   Digital Attenuator, 15.5dB,5-Bit,TTL Driver, DC-2.0 GHz
AT65-0283 MACOM-AT65-0283_1 Datasheet
235Kb / 3P
   Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT65-0263 MACOM-AT65-0263_1 Datasheet
440Kb / 4P
   Digital Attenuator 31dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT65-0263 MACOM-AT65-0263 Datasheet
261Kb / 4P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT20-0263 MA-COM-AT20-0263 Datasheet
116Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-263-PIN MA-COM-AT-263-PIN Datasheet
123Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com