Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT20-0107 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. AT20-0107
Description  Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

AT20-0107 Datasheet(HTML) 3 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Digital Attenuator
31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT20-0107
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
3
RoHS
Compliant
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table (Digital Attenuator)
C16
C8
C4
C2
C1
C0.5
Attenuation
0
0
0
0
0
0
Loss, Reference
0
0
0
0
0
1
0.5 dB
0
0
0
0
1
0
1.0 dB
0
0
0
1
0
0
2.0 dB
0
0
1
0
0
0
4.0 dB
0
1
0
0
0
0
8.0 dB
1
0
0
0
0
0
16.0 dB
1
1
1
1
1
1
31.5 dB
0 = TTL Low; 1 = TTL High
Attenuation Accuracy vs. Frequency
Typical Performance Curves
Insertion Loss vs. Frequency
0
1
2
3
4
0
0.5
1
1.5
2
Frequency (GHz)
+ 8 5 °C
- 4 0 °C
+ 2 5 °C
- 0.6
- 0.4
- 0.2
0
0.2
0.4
0.6
0
0.5
1
1.5
2
Frequency (GHz)
1 dB
2 d B
4 d B
0 . 5 d B
RF1 VSWR vs. Frequency
Attenuation Accuracy vs. Frequency
- 0.8
- 0.6
- 0.4
- 0.2
0
0.2
0.4
0.6
0.8
0
0.5
1
1.5
2
Frequency (GHz)
3 1. 5 d B
8 d B
16 d B
1
1.2
1.4
1.6
1.8
2
0
0.5
1
1.5
2
Frequency (GHz)
Loss & 0 . 5 dB
2 dB
1 dB
4 dB
8 & 16 dB


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn