Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP700MN280R2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP700MN280R2G
Description  Ultra Low Noise, High PSSR,BiCMOS RF LDO Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP700MN280R2G Datasheet(HTML) 6 Page - ON Semiconductor

  NCP700MN280R2G Datasheet HTML 1Page - ON Semiconductor NCP700MN280R2G Datasheet HTML 2Page - ON Semiconductor NCP700MN280R2G Datasheet HTML 3Page - ON Semiconductor NCP700MN280R2G Datasheet HTML 4Page - ON Semiconductor NCP700MN280R2G Datasheet HTML 5Page - ON Semiconductor NCP700MN280R2G Datasheet HTML 6Page - ON Semiconductor NCP700MN280R2G Datasheet HTML 7Page - ON Semiconductor NCP700MN280R2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NCP700
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 15. Enable Voltage and Output Voltage
vs. Time (Start-Up)
Figure 16. Line Transient
TIME (20
ms/div)
TIME (100
ms/div)
Figure 17. Load Transient
Figure 18. Output Capacitor ESR vs. Output
Current
TIME (40
ms/div)
Iout, OUTPUT CURRENT (mA)
150
125
100
75
50
25
0
0.01
0.1
1
10
VCE
1 V/div
Vout
1 V/div
Vin = 4 V
Iout = 150 mA
Cnoise = 0 nF
Vout = 1.8 V
Iout = 150 mA
Cout = 1 mF
Unstable Region
Stable Region
Vout = 3.0 V
Vout = 1.8 V
Iout
100 mA/div
Vout
50 mV/div
Vin = 2.8 V
Vout = 1.8 V
Cout = 1 mF
Vin
500 mV/div
Vout
10 mV/div
4.2 V
3.6 V
Cout = 1 mF to 10 mF
TA = 25°C
TA = 25°C
TA = 25°C


Similar Part No. - NCP700MN280R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700BMT18TBG ONSEMI-NCP700BMT18TBG Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700BMT18TBG ONSEMI-NCP700BMT18TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700BMT25TBG ONSEMI-NCP700BMT25TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700BMT28TBG ONSEMI-NCP700BMT28TBG Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
More results

Similar Description - NCP700MN280R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700B ONSEMI-NCP700B_13 Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
logo
Impala Linear Corporati...
ILC7010 IMPALA-ILC7010 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7011 IMPALA-ILC7011 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
logo
ON Semiconductor
NCP59800 ONSEMI-NCP59800 Datasheet
95Kb / 6P
   Low Noise, RF LDO Voltage Regulator
November, 2015 ??Rev. 1
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
   300mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com