Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM55-0016 Datasheet(PDF) 5 Page - Tyco Electronics

Part # AM55-0016
Description  Switched Low Noise Amplifier 800 - 1000 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0016 Datasheet(HTML) 5 Page - Tyco Electronics

  AM55-0016 Datasheet HTML 1Page - Tyco Electronics AM55-0016 Datasheet HTML 2Page - Tyco Electronics AM55-0016 Datasheet HTML 3Page - Tyco Electronics AM55-0016 Datasheet HTML 4Page - Tyco Electronics AM55-0016 Datasheet HTML 5Page - Tyco Electronics AM55-0016 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Switched Low Noise Amplifier
800 - 1000 MHz
AM55-0016
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
5
Typical Performance Curves (continued)
Input Return Loss
Output Return Loss
High Gain Mode: Gain vs. Temperature
High Gain Mode: Noise Figure vs. Temperature
Low Gain Mode: Insertion Loss vs. Temperature
12
13
14
15
16
17
18
19
800
850
900
950
1000
-30°C
+25°C
+80°C
Frequency (MHz)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
800
850
900
950
1000
-30°C
+25°C
+80°C
Frequency (MHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
800
850
900
950
1000
Low Gain
High Gain
Frequency (MHz)
-6.0
-5.8
-5.6
-5.4
-5.2
-5.0
-4.8
-4.6
-4.4
-4.2
-4.0
800
850
900
950
1000
-30°C
+25°C
+80°C
Frequency (MHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
800
850
900
950
1000
Low Gain
High Gain
Frequency (MHz)


Similar Part No. - AM55-0016

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0016 MACOM-AM55-0016 Datasheet
92Kb / 4P
   Switched Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM55-0016 MA-COM-AM55-0016 Datasheet
223Kb / 6P
   Switched Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM55-0016RTR MACOM-AM55-0016RTR Datasheet
92Kb / 4P
   Switched Low Noise Amplifier 800 - 1000 MHz
AM55-0016SMB MACOM-AM55-0016SMB Datasheet
92Kb / 4P
   Switched Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM55-0016SMB MA-COM-AM55-0016SMB Datasheet
223Kb / 6P
   Switched Low Noise Amplifier 800 - 1000 MHz
More results

Similar Description - AM55-0016

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0016 MACOM-AM55-0016 Datasheet
92Kb / 4P
   Switched Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM55-0016 MA-COM-AM55-0016 Datasheet
223Kb / 6P
   Switched Low Noise Amplifier 800 - 1000 MHz
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
   High Dynamic Range Low Noise Amplifier 800-1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1220 MACOM-PA1220 Datasheet
49Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
logo
List of Unclassifed Man...
SGL-0163 ETC-SGL-0163 Datasheet
211Kb / 6P
   800-1000 MHZ LOW NOISE AMPLIFIER 50 OHM SILICON GERMANIUM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com