Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM55-0004 Datasheet(PDF) 8 Page - Tyco Electronics

Part # AM55-0004
Description  250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0004 Datasheet(HTML) 8 Page - Tyco Electronics

  AM55-0004_1 Datasheet HTML 1Page - Tyco Electronics AM55-0004_1 Datasheet HTML 2Page - Tyco Electronics AM55-0004_1 Datasheet HTML 3Page - Tyco Electronics AM55-0004_1 Datasheet HTML 4Page - Tyco Electronics AM55-0004_1 Datasheet HTML 5Page - Tyco Electronics AM55-0004_1 Datasheet HTML 6Page - Tyco Electronics AM55-0004_1 Datasheet HTML 7Page - Tyco Electronics AM55-0004_1 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
!"
!
"
!
"
# #
$ %&''()) **)) + ,%-.& ()) **))
# $%
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
# &
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
&
!
#$
'
7:+ =:
D
#
/ '
A4D
D
- 25G !
"
#
/ '
A4D
D
0( 25G !
"
#
/ '
D
0) 2A0
#
/ '
D
0& 2A*
#
8/ &
D
* 2DD0
#
8/ &
D
*' 2DD*
#
A4D
D
1 5
$,
#
N
2A0
2DD0 C
('
#
N
2A*
2DD* C
)1
#
D
1
C
5
$,!
"
#
=+
#$
!
"
0 5
2A0 S 2A*
/ 2
* 5
2DD0 S 2DD*
'2
( 5
'2
/ D
"
D
1 $
+
8 +E E & .
%
$
D
D
> @ 3 7
>
"
%
0
4
:
5
T/)+ /)1&!
* G
(
/
"
N
N
C
$A %
@E
' @
&& &
$&
&&B EF
3
4
'01
3
F$
'*'
$, 4
'*'
4$ 4
F$
'*'
=, F$
'*'


Similar Part No. - AM55-0004_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
M/A-COM Technology Solu...
AM55-0004RTR MA-COM-AM55-0004RTR Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004SMB MACOM-AM55-0004SMB Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
M/A-COM Technology Solu...
AM55-0004SMB MA-COM-AM55-0004SMB Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004TR MACOM-AM55-0004TR Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
More results

Similar Description - AM55-0004_1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM55-0004 MA-COM-AM55-0004 Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004 Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
List of Unclassifed Man...
AM55-0003 ETC2-AM55-0003 Datasheet
447Kb / 8P
   250 mW Power Amplifier with T/R and Diversity Switches 2.4 - 2.5 GHz
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3_09 Datasheet
1Mb / 4P
   1.8 to 2.0 GHz
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
logo
Motorola, Inc
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Stealth Microwave, Inc.
SM1720-42 STEALTH_MICROWAVE-SM1720-42 Datasheet
137Kb / 3P
   1.7-2.0 GHz 15 Watt Linear Amplifier
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
   SPDT T/R Switch 5.0 - 6.0 GHz
logo
Ericsson
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
   6 Watts, 1.8-2.0 GHz RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com