Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCT6H Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. MCT6H
Description  Optocoupler, Phototransistor Output, Dual Channel
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT6H Datasheet(HTML) 4 Page - Vishay Siliconix

  MCT6H_04 Datasheet HTML 1Page - Vishay Siliconix MCT6H_04 Datasheet HTML 2Page - Vishay Siliconix MCT6H_04 Datasheet HTML 3Page - Vishay Siliconix MCT6H_04 Datasheet HTML 4Page - Vishay Siliconix MCT6H_04 Datasheet HTML 5Page - Vishay Siliconix MCT6H_04 Datasheet HTML 6Page - Vishay Siliconix MCT6H_04 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 83525
Rev. 1.4, 26-Oct-04
MCT6H / MCT62H
Vishay Semiconductors
Figure 5. Relative Current Transfer Ratio vs. Ambient
Temperature
Figure 6. Collector Dark Current vs. Ambient Temperature
Figure 7. Collector Current vs. Forward Current
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–30 –20 –10 0 1020 304050607080
Tamb – Ambient Temperature (°C )
96 11927
VCE=5V
IF=5mA
1
10
100
1000
10000
0
1020 3040 5060 7080 90 100
Tamb – Ambient Temperature (°C )
96 11928
VCE=20V
IF=0
0.01
0.10
1.00
10.00
100.00
0.1
1.0
10.0
100.0
IF – Forward Current ( mA )
96 11929
VCE=5V
Figure 8. Collector Current vs. Collector Emitter Voltage
Figure 9. Collector Emitter Saturation Voltage vs. Collector Current
Figure 10. Current Transfer Ratio vs. Forward Current
0.1
1.0
10.0
100.0
0.1
1.0
10.0
100.0
VCE – Collector Emitter Voltage ( V )
96 11930
20mA
10mA
5mA
2mA
1mA
IF=50mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
10
100
IC – Collector Current ( mA )
96 11993
CTR=50%
20%
10%
1
10
100
1000
0.1
1.0
10.0
100.0
IF – Forward Current ( mA )
96 11994
VCE=5V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn