Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCT6H Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. MCT6H
Description  Optocoupler, Phototransistor Output, Dual Channel
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT6H Datasheet(HTML) 2 Page - Vishay Siliconix

  MCT6H_04 Datasheet HTML 1Page - Vishay Siliconix MCT6H_04 Datasheet HTML 2Page - Vishay Siliconix MCT6H_04 Datasheet HTML 3Page - Vishay Siliconix MCT6H_04 Datasheet HTML 4Page - Vishay Siliconix MCT6H_04 Datasheet HTML 5Page - Vishay Siliconix MCT6H_04 Datasheet HTML 6Page - Vishay Siliconix MCT6H_04 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 83525
Rev. 1.4, 26-Oct-04
MCT6H / MCT62H
Vishay Semiconductors
Coupler
1) Related to standard climate 23/50 DIN 50014
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
1) Related to standard climate 23/50 DIN 50014
Current Transfer Ratio
Parameter
Test condition
Symbol
Value
Unit
AC isolation test voltage (RMS)
t = 1 min
VISO
1)
5000
VRMS
Total power dissipation
Ptot
250
mW
Ambient temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 125
°C
Soldering temperature
2 mm from case, t
≤ 10 s
Tsld
260
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 50 mA
VF
1.25
1.6
V
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 100 µAVECO
7V
Collector dark current
VCE = 20 V, IF = 0, E = 0
ICEO
100
nA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
DC isolation test voltage
t = 2 s
VISO
1)
5000
VRMS
Isolation resistance
VIO = 1000 V, 40 % relative
humidity
RIO
1)
1012
Collector emitter saturation
voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
IF = 10 mA, VCE = 5 V,
RL = 100 Ω
fC
100
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
IC/IF
VCE = 5 V, IF = 5 mA
MCT6H
CTR
50
100
%
VCE = 5 V, IF = 10 mA
MCT6H
CTR
60
120
%
VCE = 5 V, IF = 5 mA
MCT62H
CTR
100
200
%


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn