Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8645X Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8645X
Description  1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8645X Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8645X Datasheet HTML 1Page - Maxim Integrated Products MAX8645X Datasheet HTML 2Page - Maxim Integrated Products MAX8645X Datasheet HTML 3Page - Maxim Integrated Products MAX8645X Datasheet HTML 4Page - Maxim Integrated Products MAX8645X Datasheet HTML 5Page - Maxim Integrated Products MAX8645X Datasheet HTML 6Page - Maxim Integrated Products MAX8645X Datasheet HTML 7Page - Maxim Integrated Products MAX8645X Datasheet HTML 8Page - Maxim Integrated Products MAX8645X Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
1x/1.5x/2x White LED Charge Pumps with
Two LDOs in 4mm x 4mm TQFN
_______________________________________________________________________________________
5
BATTERY CURRENT vs. SUPPLY
VOLTAGE DRIVING FLASH
SUPPLY VOLTAGE (V)
3.9
3.6
3.3
3.0
100
200
300
400
500
600
700
800
900
0
2.7
4.2
IFLASH = 400mA
IFLASH = 160mA
IFLASH = 80mA
LDO GROUND-PIN SUPPLY
CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
3.9
4.3
3.5
3.1
90
100
110
120
130
140
150
160
80
2.7
5.5
VENM_ = VENF = 0V, VENLDO = VIN
150mA, BOTH LDOs
NO LOAD, BOTH LDOs
INPUT RIPPLE VOLTAGE vs. SUPPLY
VOLTAGE WITH SIX MAIN LEDs
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
0.3
0.6
0.9
1.2
1.5
1.8
0
2.7
5.5
ILED = 15mA
ILED = 4.5mA
ILED = 1.5mA
INPUT RIPPLE VOLTAGE vs. SUPPLY
VOLTAGE WITH FLASH AND MAIN LEDs
SUPPLY VOLTAGE (V)
5.1
4.7
3.1
3.5
3.9
4.3
1
2
3
4
5
7
9
6
8
10
0
2.7
5.5
FOUR MAIN LEDs AT 15mA EACH
IFLASH = 40mA
IFLASH = 160mA
IFLASH = 400mA
LED CURRENT MATCHING vs. SUPPLY
VOLTAGE WITH SIX MAIN LEDs
SUPPLY VOLTAGE (V)
5.1
4.7
3.9
4.3
3.5
3.1
14.2
14.4
14.6
14.8
15.0
15.2
15.4
15.6
15.8
16.0
14.0
2.7
5.5
LED CURRENT MATCHING vs. SUPPLY
VOLTAGE WITH TWO FLASH LEDs
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
99.0
98.5
99.5
100.0
100.5
101.0
101.5
102.0
98.0
2.7
5.5
LED CURRENT vs. AMBIENT
TEMPERATURE WITH SIX MAIN LEDs
TA (
°C)
60
35
10
-15
15
30
45
60
75
90
105
0
-40
85
LED CURRENT vs. AMBIENT
TEMPERATURE WITH FLASH
TA (
°C)
60
35
10
-15
50
100
150
200
250
300
350
400
450
0
-40
85
INDIVIDUAL MAIN LED CURRENT
vs. RSETM
RSETM (k
Ω)
10
10
100
1
100
1
Typical Operating Characteristics (continued)
(VIN = VEN_ = 3.6V, circuit of Figure 2, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX8645X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8645X MAXIM-MAX8645X Datasheet
257Kb / 14P
   1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
MAX8645XETI MAXIM-MAX8645XETI Datasheet
257Kb / 14P
   1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
MAX8645X MAXIM-MAX8645X_08 Datasheet
257Kb / 14P
   1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
More results

Similar Description - MAX8645X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8645X MAXIM-MAX8645X_08 Datasheet
257Kb / 14P
   1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
MAX8631X MAXIM-MAX8631X Datasheet
399Kb / 16P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 2; 5/06
MAX8631 MAXIM-MAX8631 Datasheet
266Kb / 15P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
MAX8631 MAXIM-MAX8631_08 Datasheet
266Kb / 15P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
   120mA 1x/1.5x/2x Charge Pump for White LED
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
   1x/1.5x/2x Charge Pump for White LED Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com