Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400MTB394 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 400MTB394
Description  METALLIZED POLYESTER FILM CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

400MTB394 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  400MTB394 Datasheet HTML 1Page - RUBYCON CORPORATION 400MTB394 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbol
Blank
E7
H7
Y7
17
S7
W7
Lead style
Long lead type
Lead forming cut
LS=7.5
Lead forming cut
LS=15.0
Symbol
TC
TX
TL(F=10)
TJ(F 15)
TH
TN
TS(F=7.5)
TS(F=10)
Lead style
Lead forming cut
LS=7.5
Style A, Ammo pack
P=12.7 Po=12.7 LS=5.0
Style B, Ammo pack
P=15.0 Po=15.0 LS=5.0
Style C, Ammo pack
P=25.4 Po=12.7 LS=5.0
Lead forming cut
LS=22.5
Style D, Ammo pack
P=15.0 Po=15.0 LS=7.5
Lead forming cut
LS=5.0
Style E, Ammo pack
P=30.0 Po=15.0 LS=7.5
Style S, Ammo pack
P=12.7 Po=12.7
Style S, Ammo pack
P=25.4 Po=12.7
OUTLINE
(mm)
SPECIFICATIONS
0.01max at 1kHz
UR×150% 60s
0.33
F :9000MΩmin
0.33
F :3000ΩFmin
JIS C 5101-2, JIS C 5101-1
250VDC, 400VDC
Category temperature
Rated voltage (UR)
Voltage proof
Insulation resistance
Reference standard
Capacitance tolerance
tan
δ
(Derate the voltage as shown in the Fig2 at P239 when using the capacitor beyond 85°C.)
PART NUMBER
Rated Voltage
MTB
Series
Sub mark
Suffix
Rated capacitance
Tolerance
Symbol
250
400
UR
250VDC
400VDC
Symbol
J
K
Tolerance
5%
10%
METALLIZED POLYESTER FILM CAPACITORS
MTB
SERIES
MTB
FEATURES
• 85°C/85%/500Hr available
• These capacitors provide self-healing.
• Coated with flame-retardant (UL94 V-0) epoxy resin.
-40°C∼+105°C
5%(J),
10%(K)
+
-
+
-
µ
µ
=
>
<
+
-
+
-
=
>
Style A, B, D
Style C,E
Style S
Blank
E7,H7,Y7,17 S7,W7
TS(F=7.5)
TS(F=10)
NEW


Similar Part No. - 400MTB394

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
400M-NMNM-120 ADVANTECH-400M-NMNM-120 Datasheet
414Kb / 1P
   LMRx Antenna Cables
400M-NMNM-1200 ADVANTECH-400M-NMNM-1200 Datasheet
414Kb / 1P
   LMRx Antenna Cables
400M-NMNM-240 ADVANTECH-400M-NMNM-240 Datasheet
414Kb / 1P
   LMRx Antenna Cables
400M-NMNM-480 ADVANTECH-400M-NMNM-480 Datasheet
414Kb / 1P
   LMRx Antenna Cables
400M-NMNM-600 ADVANTECH-400M-NMNM-600 Datasheet
414Kb / 1P
   LMRx Antenna Cables
More results

Similar Description - 400MTB394

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
MERITEK ELECTRONICS COR...
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
   Metallized Polyester Film Capacitors
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com