Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56858FVE Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # DSP56858FVE
Description  16-bit Digital Signal Controllers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56858FVE Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button DSP56858FVE Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56858FVE Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56858FVE Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56858FVE Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56858FVE Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56858FVE Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56858FVE Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56858FVE Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56858FVE Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
56858 Technical Data, Rev. 6
10
Freescale Semiconductor
VDDIO
B1
5
VDDIO
I/O Power (VDDIO)—These pins provide power for all I/O and ESD
structures of the chip and should all be attached to VDDIO (3.3V).
VDDIO
H1
6
VDDIO
M3
20
VDDIO
M8
45
VDDIO
M11
61
VDDIO
H12
67
VDDIO
C12
68
VDDIO
A11
80
VDDIO
A5
105
VDDIO
A3
113
VDDIO
C1
129
VDDIO
M10
139
VSSIO
D1
7
VSSIO
I/O Power–Ground (VSSIO)—These pins provide grounding for all I/O
and ESD structures of the chip and should all be attached to VSS.
VSSIO
J1
21
VSSIO
M5
46
VSSIO
M9
47
VSSIO
L12
62
VSSIO
G12
69
VSSIO
B12
70
VSSIO
A10
82
VSSIO
A4
106
VSSIO
A1
115
VSSIO
A2
128
VSSIO
M4
130
VSSIO
M12
140
VSSIO
A6
141
VDDA
K1
24
VDDA
Analog Power (VDDA)—These pins supply an analog power source.
VSSA
M1
25
VSSA
Analog Ground (VSSA)—This pin supplies an analog ground.
VSSA
L1
26
Table 3-1 56858 Signal and Package Information for the 144-pin LQFP and MAPBGA
Signal
Name
BGA
Pin No.
LQFP
Pin No.
Type
Description


Similar Part No. - DSP56858FVE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56858FVE NXP-DSP56858FVE Datasheet
1Mb / 64P
   16-bit Digital Signal Controllers
Rev. 6 01/2007
More results

Similar Description - DSP56858FVE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com