Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56857BUE Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # DSP56857BUE
Description  16-bit Digital Signal Controllers
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857BUE Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button DSP56857BUE Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56857BUE Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56857BUE Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56857BUE Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56857BUE Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56857BUE Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56857BUE Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56857BUE Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56857BUE Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
Introduction
56857 Technical Data, Rev. 6
Freescale Semiconductor
11
18
VSSA
VSSA
Analog Ground (VSSA)—This pin supplies an analog ground.
19
VSSA
55
CS0
GPIOA0
Output
Input/Output
External Chip Select (CS0)—This pin is used as a dedicated GPIO.
Port A GPIO (0)—This pin is a General Purpose I/O (GPIO) pin when not
configured for host port usage.
56
CS1
GPIOA1
Output
Input/Output
External Chip Select (CS1)—This pin is used as a dedicated GPIO.
Port A GPIO (1)—This pin is a General Purpose I/O (GPIO) pin when not
configured for host port usage.
57
CS2
GPIOA2
Output
Input/Output
External Chip Select (CS2)—This pin is used as a dedicated GPIO.
Port A GPIO (2)—This pin is a General Purpose I/O (GPIO) pin when not
configured for host port usage.
58
CS3
GPIOA3
Output
Input/Output
External Chip Select (CS3)—This pin is used as a dedicated GPIO.
Port A GPIO (3)—This pin is a General Purpose I/O (GPIO) pin when not
configured for host port usage.
22
HD0
GPIOB0
Input
Input/Output
Host Address (HD0)—This input provides the address selection for HI
registers.
This pin is disconnected internally.
Port B GPIO (0)—This pin is a General Purpose I/O (GPIO) pin when not
configured for host port usage.
23
HD1
GPIOB1
Input
Input/Output
Host Address (HD1)—This input provides the address selection for HI
registers.
This pin is disconnected internally.
Port B GPIO (1)—This pin is a General Purpose I/O (GPIO) pins when
not configured for host port usage.
24
HD2
GPIOB2
Input
Input/Output
Host Address (HD2)—This input provides the address selection for HI
registers.
This pin is disconnected internally.
Port B GPIO (2)—This pin is a General Purpose I/O (GPIO) pins when
not configured for host port usage.
Table 3-1 56857 Signal and Package Information for the 100-pin LQFP (Continued)
Pin No.
Signal Name
Type
Description


Similar Part No. - DSP56857BUE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56857BUE NXP-DSP56857BUE Datasheet
1Mb / 53P
   16-bit Digital Signal Controllers
Rev. 6 01/2007
More results

Similar Description - DSP56857BUE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com