Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56857BUE Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # DSP56857BUE
Description  16-bit Digital Signal Controllers
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857BUE Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  DSP56857BUE Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56857BUE Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56857BUE Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56857BUE Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56857BUE Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56857BUE Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56857BUE Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56857BUE Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56857BUE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
56857 Technical Data, Rev. 6
4
Freescale Semiconductor
Part 1 Overview
1.1 56857 Features
1.1.1
Digital Signal Processing Core
Efficient 16-bit engine with dual Harvard architecture
120 Million Instructions Per Second (MIPS) at 120MHz core frequency
Single-cycle 16
× 16-bit parallel Multiplier-Accumulator (MAC)
Four (4) 36-bit accumulators including extension bits
16-bit bidirectional shifter
Parallel instruction set with unique DSP addressing modes
Hardware DO and REP loops
Three (3) internal address buses
Four (4) internal data buses
Instruction set supports both DSP and controller functions
Four (4) hardware interrupt levels
Five (5) software interrupt levels
Controller-style addressing modes and instructions for compact code
Efficient C Compiler and local variable support
Software subroutine and interrupt stack with depth limited only by memory
JTAG/Enhanced OnCE debug programming interface
1.1.2
Memory
Harvard architecture permits up to three (3) simultaneous accesses to program and data memory
•On-Chip Memory
—40K
× 16-bit Program RAM
—24K
× 16-bit Data RAM
—1K
× 16-bit Boot ROM
— Chip Select Logic used as dedicated GPIO
1.1.3
Peripheral Circuits for 56857
General Purpose 16-bit Quad Timer*
•Two Serial Communication Interfaces (SCI)*
Serial Peripheral Interface (SPI) Port*
Two (2) Enhanced Synchronous Serial Interface (ESSI) modules*
Computer Operating Properly (COP)/Watchdog Timer
JTAG/Enhanced On-Chip Emulation (OnCE) for unobtrusive, real-time debugging
Six (6) independent channels of DMA


Similar Part No. - DSP56857BUE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56857BUE NXP-DSP56857BUE Datasheet
1Mb / 53P
   16-bit Digital Signal Controllers
Rev. 6 01/2007
More results

Similar Description - DSP56857BUE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com