Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56855BUE Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # DSP56855BUE
Description  16-bit Digital Signal Controllers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56855BUE Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button DSP56855BUE Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56855BUE Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56855BUE Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56855BUE Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56855BUE Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56855BUE Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56855BUE Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56855BUE Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56855BUE Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Introduction
56855 Technical Data, Rev. 6
Freescale Semiconductor
11
1VDDIO
VDDIO
Power (VDDIO)—These pins provide power for all I/O and ESD structures of
the chip, and should all be attached to VDDIO (3.3V).
14
VDDIO
29
VDDIO
43
VDDIO
49
VDDIO
58
VDDIO
72
VDDIO
76
VDDIO
86
VDDIO
96
VDDIO
2VSSIO
VSSIO
Ground (VSSIO)—These pins provide grounding for all I/O and ESD
structures of the chip and should all be attached to VSS.
15
VSSIO
30
VSSIO
44
VSSIO
50
VSSIO
60
VSSIO
73
VSSIO
78
VSSIO
87
VSSIO
97
VSSIO
2VSSIO
18
VDDA
VDDA
Analog Power (VDDA)—These pins supply an analog power source.
19
VSSA
VSSA
Analog Ground (VSSA)—This pin supplies an analog ground.
Table 3-1. 56855 Signal and Package Information for the 100-pin LQFP (Continued)
Pin No.
Signal Name
Type
Description


Similar Part No. - DSP56855BUE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56855BUE NXP-DSP56855BUE Datasheet
1Mb / 52P
   16-bit Digital Signal Controllers
Rev. 6 01/2007
More results

Similar Description - DSP56855BUE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com