Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56858 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 56858
Description  16-bit Digital Signal Controllers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56858 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 56858 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56858 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56858 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56858 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56858 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56858 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56858 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56858 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56858 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
Introduction
56858 Technical Data, Rev. 6
Freescale Semiconductor
11
A0
E5
10
Output(Z)
Address Bus (A0-A20)—These signals specify a word address for
external program or data memory access.
A1
E4
11
A2
E3
12
A3
E2
13
A4
J2
29
A5
H3
30
A6
G4
31
A7
H4
32
A8
G5
48
A9
L5
49
A10
J6
50
A11
K6
51
A12
J8
63
A13
K8
64
A14
L9
65
A15
K9
66
A16
K10
75
A17
K11
76
A18
J9
77
A19
J10
78
A20
J11
79
Table 3-1 56858 Signal and Package Information for the 144-pin LQFP and MAPBGA
Signal
Name
BGA
Pin No.
LQFP
Pin No.
Type
Description


Similar Part No. - 56858

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
56858 NXP-56858 Datasheet
1Mb / 64P
   16-bit Digital Signal Controllers
Rev. 6 01/2007
More results

Similar Description - 56858

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com