Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56800ERM Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 56800ERM
Description  16-bit Digital Signal Controllers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56800ERM Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 56800ERM Datasheet HTML 4Page - Freescale Semiconductor, Inc 56800ERM Datasheet HTML 5Page - Freescale Semiconductor, Inc 56800ERM Datasheet HTML 6Page - Freescale Semiconductor, Inc 56800ERM Datasheet HTML 7Page - Freescale Semiconductor, Inc 56800ERM Datasheet HTML 8Page - Freescale Semiconductor, Inc 56800ERM Datasheet HTML 9Page - Freescale Semiconductor, Inc 56800ERM Datasheet HTML 10Page - Freescale Semiconductor, Inc 56800ERM Datasheet HTML 11Page - Freescale Semiconductor, Inc 56800ERM Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
56855 Technical Data, Rev. 6
8
Freescale Semiconductor
Part 2 Signal/Connection Descriptions
2.1 Introduction
The input and output signals of the 56855 are organized into functional groups, as shown in Table 2-1 and
as illustrated in Figure 2-1. In Table 3-1 each table row describes the package pin and the signal or signals
present.
1. VDD = VDD CORE, VSS = VSS CORE, VDDIO= VDD IO, VSSIO = VSS IO, VDDA = VDD ANA, VSSA = VSS ANA
2. MODA, MODB and MODC can be used as GPIO after the bootstrap process has completed.
Table 2-1 56855 Functional Group Pin Allocations
Functional Group
Number of Pins
Power (VDD, VDDIO, or VDDA)
(4, 10, 1)1
Ground (VSS, VSSIO,or VSSA)
(4, 10, 1)1
PLL and Clock
3
External Bus Signals
39
External Chip Select*
4
Interrupt and Program Control
72
Enhanced Synchronous Serial Interface (ESSI0) Port*
6
Serial Communications Interface (SCI0) Ports*
2
Serial Communications Interface (SCI1) Ports*
2
Quad Timer Module Port*
1
JTAG/Enhanced On-Chip Emulation (EOnCE)
6
*Alternately, GPIO pins


Similar Part No. - 56800ERM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56800ERM FREESCALE-56800ERM Datasheet
964Kb / 53P
   16-bit Digital Signal Controllers
56800ERM FREESCALE-56800ERM Datasheet
1Mb / 64P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56800ERM NXP-56800ERM Datasheet
1Mb / 52P
   16-bit Digital Signal Controllers
Rev. 6 01/2007
56800ERM NXP-56800ERM Datasheet
1Mb / 53P
   16-bit Digital Signal Controllers
Rev. 6 01/2007
56800ERM NXP-56800ERM Datasheet
1Mb / 64P
   16-bit Digital Signal Controllers
Rev. 6 01/2007
More results

Similar Description - 56800ERM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com