Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56300FM Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # DSP56300FM
Description  24-Bit Audio Digital Signal Processor
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300FM Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button DSP56300FM Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56300FM Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56300FM Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56300FM Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56300FM Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56300FM Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56300FM Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56300FM Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56300FM Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
2-4
Freescale Semiconductor
2.4
Clock and PLL
2.5
External Memory Expansion Port (Port A)
When the DSP56366 enters a low-power standby mode (stop or wait), it releases bus mastership and
tri-states the relevant port A signals: A0–A17, D0–D23, AA0/RAS0–AA2/RAS2, RD, WR, BB, CAS.
GNDD (4)
Data Bus Ground—GNDD is an isolated ground for sections of the data bus I/O drivers. This connection
must be tied externally to all other chip ground connections. The user must provide adequate external
decoupling capacitors. There are four GNDD connections.
GNDC (2)
Bus Control Ground—GNDC is an isolated ground for the bus control I/O drivers. This connection must
be tied externally to all other chip ground connections. The user must provide adequate external
decoupling capacitors. There are two GNDC connections.
GNDH
Host Ground—GNDh is an isolated ground for the HD08 I/O drivers. This connection must be tied
externally to all other chip ground connections. The user must provide adequate external decoupling
capacitors. There is one GNDH connection.
GNDS (2)
SHI, ESAI, ESAI_1, DAX and Timer Ground—GNDS is an isolated ground for the SHI, ESAI, ESAI_1,
DAX and Timer. This connection must be tied externally to all other chip ground connections. The user
must provide adequate external decoupling capacitors. There are two GNDS connections.
Table 2-4 Clock and PLL Signals
Signal
Name
Type
State
during
Reset
Signal Description
EXTAL
Input
Input
External Clock Input—An external clock source must be connected to EXTAL in order
to supply the clock to the internal clock generator and PLL.
This input cannot tolerate 5 V.
PCAP
Input
Input
PLL Capacitor—PCAP is an input connecting an off-chip capacitor to the PLL filter.
Connect one capacitor terminal to PCAP and the other terminal to VCCP.
If the PLL is not used, PCAP may be tied to VCC, GND, or left floating.
PINIT/NMI
Input
Input
PLL Initial/Nonmaskable Interrupt—During assertion of RESET, the value of
PINIT/NMI is written into the PLL Enable (PEN) bit of the PLL control register,
determining whether the PLL is enabled or disabled. After RESET de assertion and
during normal instruction processing, the PINIT/NMI Schmitt-trigger input is a
negative-edge-triggered nonmaskable interrupt (NMI) request internally synchronized
to internal system clock.
This input cannot tolerate 5 V.
Table 2-3 Grounds (continued)
Ground Name
Description


Similar Part No. - DSP56300FM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56300FM MOTOROLA-DSP56300FM Datasheet
2Mb / 168P
   24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56300FM NXP-DSP56300FM Datasheet
3Mb / 152P
   24-Bit Audio Digital Signal Processor
Rev. 4, 08/2006
logo
Motorola, Inc
DSP56300FM MOTOROLA-DSP56300FM Datasheet
1Mb / 128P
   high density CMOS device with 3.3 V inputs and outputs
logo
NXP Semiconductors
DSP56300FM NXP-DSP56300FM Datasheet
2Mb / 110P
   24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
logo
Motorola, Inc
DSP56300FM MOTOROLA-DSP56300FM Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
More results

Similar Description - DSP56300FM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56364 MOTOROLA-DSP56364 Datasheet
2Mb / 162P
   24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56362 FREESCALE-DSP56362 Datasheet
2Mb / 152P
   24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56366 NXP-DSP56366 Datasheet
2Mb / 110P
   24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
DSP56364 NXP-DSP56364 Datasheet
2Mb / 148P
   24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
logo
Freescale Semiconductor...
DSPB56366AG120 FREESCALE-DSPB56366AG120 Datasheet
1Mb / 110P
   24-Bit Audio Digital Signal Processor
DSPB56367AG150 FREESCALE-DSPB56367AG150 Datasheet
1Mb / 100P
   24-Bit Audio Digital Signal Processor
logo
Motorola, Inc
DSP56362 MOTOROLA-DSP56362 Datasheet
2Mb / 168P
   24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56364 FREESCALE-DSP56364 Datasheet
2Mb / 148P
   24-Bit Audio Digital Signal Processor
DSP56367 FREESCALE-DSP56367 Datasheet
1Mb / 100P
   24-Bit Audio Digital Signal Processor
DSPB56364AF100 FREESCALE-DSPB56364AF100 Datasheet
1Mb / 148P
   24-Bit Audio Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com