Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP125 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHP125
Description  P-channel enhancement mode MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP125 Datasheet(HTML) 3 Page - NXP Semiconductors

  PHP125 Datasheet HTML 1Page - NXP Semiconductors PHP125 Datasheet HTML 2Page - NXP Semiconductors PHP125 Datasheet HTML 3Page - NXP Semiconductors PHP125 Datasheet HTML 4Page - NXP Semiconductors PHP125 Datasheet HTML 5Page - NXP Semiconductors PHP125 Datasheet HTML 6Page - NXP Semiconductors PHP125 Datasheet HTML 7Page - NXP Semiconductors PHP125 Datasheet HTML 8Page - NXP Semiconductors PHP125 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Jun 18
3
Philips Semiconductors
Product specification
P-channel enhancement mode
MOS transistor
PHP125
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Ts is the temperature at the soldering point of the drain lead.
2. Pulse width and duty cycle limited by maximum junction temperature.
3. Value based on a printed-circuit board with a Rth a-tp (ambient to tie-point) of 27.5 K/W.
4. Value based on a printed-circuit board with a Rth a-tp (ambient to tie-point) of 90 K/W.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
−−30
V
VGS
gate-source voltage (DC)
−±20
V
ID
drain current (DC)
Ts =80 °C; note 1
−−2.5
A
IDM
peak drain current
note 2
−−10
A
Ptot
total power dissipation
Ts =80 °C
2.8
W
Tamb =25 °C; note 3
2.4
W
Tamb =25 °C; note 4
1.1
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−65
+150
°C
Source-drain diode
IS
source current (DC)
Ts =80 °C
−−2A
ISM
peak pulsed source current
note 2
−−8A
Fig.2 Power derating curve.
handbook, halfpage
0
6
4
2
0
50
100
200
Ptot
(W)
MBG848
150
Ts (
oC)
δ = 0.01; TS =80 °C.
(1) RDSon limitation.
Fig.3 SOAR.
handbook, halfpage
MBG752
ID
(A)
t p
T
P
t
t p
T
δ =
1 ms
10 ms
100 ms
100
µs
DC
(1)
tp =
10
µs
−10−2
−10−1
−1
−10
−102
−10−1
−1
VDS (V)
−10
−102


Similar Part No. - PHP125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP125N06LT PHILIPS-PHP125N06LT Datasheet
71Kb / 9P
   TrenchMOS transistor Logic level FET
March 1998 Rev 1.400
PHP125N06T PHILIPS-PHP125N06T Datasheet
63Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results

Similar Description - PHP125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP109 PHILIPS-PHP109 Datasheet
101Kb / 12P
   P-channel enhancement mode MOS transistor
1997 Jun 18
logo
Nexperia B.V. All right...
BSH202 NEXPERIA-BSH202 Datasheet
229Kb / 8P
   P-channel enhancement mode MOS transistor
August 1998
logo
NXP Semiconductors
PHP1035 PHILIPS-PHP1035 Datasheet
51Kb / 8P
   P-channel enhancement mode MOS transistor
1998 Feb 18
BSH201 PHILIPS-BSH201 Datasheet
150Kb / 7P
   P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH206 PHILIPS-BSH206 Datasheet
144Kb / 7P
   P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH207 PHILIPS-BSH207 Datasheet
155Kb / 7P
   P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
logo
Nexperia B.V. All right...
BSH201 NEXPERIA-BSH201 Datasheet
238Kb / 8P
   P-channel enhancement mode MOS transistor
August 1998
BSH203 NEXPERIA-BSH203 Datasheet
236Kb / 8P
   P-channel enhancement mode MOS transistor
August 1998
logo
NXP Semiconductors
BSH202 PHILIPS-BSH202 Datasheet
138Kb / 7P
   P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH205 PHILIPS-BSH205 Datasheet
143Kb / 7P
   P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com