Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56800EFM Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 56800EFM
Description  16-bit Digital Signal Controllers
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56800EFM Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 56800EFM Datasheet HTML 5Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 6Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 7Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 8Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 9Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 10Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 11Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 12Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Introduction
56F807 Technical Data Technical Data, Rev. 15
Freescale Semiconductor
9
Figure 2-1 56F807 Signals Identified by Functional Group1
1. Alternate pin functionality is shown in parenthesis.
56F807
Power Port
Ground Port
Power Port
Ground Port
PLL
and
Clock
External
Address Bus or
GPIO
External
Data Bus
External
Bus Control
Dedicated
GPIO
SCI0 Port
or GPIO
SCI1 Port
or GPI0
VDD
VSS
VDDA
VSSA
VCAPC
VPP
EXTAL
XTAL
CLKO
A0-A5
A6-7 (GPIOE2-E3)
A8-15 (GPIOA0-A7)
D0–D15
PS
DS
RD
WR
PHASEA0 (TA0)
PHASEB0 (TA1)
INDEX0 (TA2)
HOME0 (TA3)
PHASEA1 (TB0)
PHASEB1 (TB1)
INDEX1 (TB2)
HOME1 (TB3)
TCK
TMS
TDI
TDO
TRST
DE
Quadrature
Decoder or
Quad Timer A
JTAG/OnCE
Port
GPIOB0–7
GPIOD0–5
PWMA0-5
ISA0-2
FAULTA0-3
PWMB0-5
ISB0-2
FAULTB0-3
SCLK (GPIOE4)
MOSI (GPIOE5)
MISO (GPIOE6)
SS (GPIOE7)
TXD0 (GPIOE0)
RXD0 (GPIOE1)
TXD1 (GPIOD6)
RXD1 (GPIOD7)
ANA0-7
VREF
ANB0-7
MSCAN_RX
MSCAN_TX
TC0-1
TD0-3
IRQA
IRQB
RESET
RSTO
EXTBOOT
PWMB
Port
Quad
Timers
C & D
ADCA
Port
ADCB
Port
Other
Supply
Ports
8
10*
3
3
2
2
1
1
1
6
2
8
16
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Interrupt/
Program
Control
8
6
6
3
4
6
3
4
1
1
1
1
1
1
1
1
8
2
8
1
1
2
4
1
1
1
1
1
Quadrature
Decoder1 or
Quad Timer B
PWMA
Port
SPI Port
or GPIO
CAN
*includes TCS pin which is reserved for factory use and is tied to VSS


Similar Part No. - 56800EFM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56800EFM FREESCALE-56800EFM Datasheet
622Kb / 48P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56800EFM NXP-56800EFM Datasheet
788Kb / 57P
   56F803 Datasheet with Addendum
Rev. 17, 10/2015
logo
Freescale Semiconductor...
56800EFM FREESCALE-56800EFM Datasheet
856Kb / 40P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56800EFM NXP-56800EFM Datasheet
1Mb / 40P
   16-bit Digital Signal Controllers
Rev. 9 01/2007
logo
Freescale Semiconductor...
56800EFM FREESCALE-56800EFM Datasheet
689Kb / 52P
   16-bit Digital Signal Controllers
More results

Similar Description - 56800EFM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com