Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56F801-7UM Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # DSP56F801-7UM
Description  16-bit Digital Signal Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F801-7UM Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button DSP56F801-7UM Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
56F805 Technical Data, Rev. 15
6
Freescale Semiconductor
The 56F805 incorporates a total of 2K words of Boot Flash for easy customer-inclusion of
field-programmable software routines that can be used to program the main Program and Data Flash
memory areas. Both Program and Data Flash memories can be independently bulk-erased or erased in page
sizes of 256 words. The Boot Flash memory can also be either bulk- or page-erased.
Key application-specific features of the 56F805 include the two Pulse Width Modulator (PWM) modules.
These modules each incorporate three complementary, individually programmable PWM signal outputs
(each module is also capable of supporting six independent PWM functions for a total of 12 PWM outputs)
to enhance motor control functionality. Complementary operation permits programmable dead time
insertion, distortion correction via current sensing by software, and separate top and bottom output polarity
control. The up-counter value is programmable to support a continuously variable PWM frequency. Edge-
and center-aligned synchronous pulse width control (0% to 100% modulation) is supported. The device is
capable of controlling most motor types: ACIM (AC Induction Motors), both BDC and BLDC (Brush and
Brushless DC motors), SRM and VRM (Switched and Variable Reluctance Motors), and stepper motors.
The PWMs incorporate fault protection and cycle-by-cycle current limiting with sufficient output drive
capability to directly drive standard opto-isolators. A “smoke-inhibit”, write-once protection feature for
key parameters and a patented PWM waveform distortion correction circuit are also provided. Each PWM
is double-buffered and includes interrupt controls to permit integral reload rates to be programmable from
1 to 16. The PWM modules provide a reference output to synchronize the ADCs.
The 56F805 incorporates two separate Quadrature Decoders capable of capturing all four transitions on
the two-phase inputs, permitting generation of a number proportional to actual position. Speed
computation capabilities accommodate both fast and slow moving shafts. The integrated watchdog timer
in the Quadrature Decoder can be programmed with a time-out value to alarm when no shaft motion is
detected. Each input is filtered to ensure only true transitions are recorded.
This controller also provides a full set of standard programmable peripherals that include two Serial
Communications Interfaces (SCI), one Serial Peripheral Interface (SPI), and four Quad Timers. Any of
these interfaces can be used as General Purpose Input/Outputs (GPIOs) if that function is not required. A
Controller Area Network interface (CAN Version 2.0 A/B-compliant), an internal interrupt controller and
14 dedicated GPIO are also included on the 56F805.
1.3 State of the Art Development Environment
Processor ExpertTM (PE) provides a Rapid Application Design (RAD) tool that combines easy-to-use
component-based software application creation with an expert knowledge system.
The Code Warrior Integrated Development Environment is a sophisticated tool for code navigation,
compiling, and debugging. A complete set of evaluation modules (EVMs) and development system cards
will support concurrent engineering. Together, PE, Code Warrior and EVMs create a complete, scalable
tools solution for easy, fast, and efficient development.


Similar Part No. - DSP56F801-7UM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F801-7UM MOTOROLA-DSP56F801-7UM Datasheet
343Kb / 40P
   16-bit Digital Signal Processor
logo
NXP Semiconductors
DSP56F801-7UM NXP-DSP56F801-7UM Datasheet
788Kb / 57P
   56F803 Datasheet with Addendum
Rev. 17, 10/2015
logo
Motorola, Inc
DSP56F801-7UM MOTOROLA-DSP56F801-7UM Datasheet
858Kb / 44P
   56F801 16-bit Hybrid Controller
logo
NXP Semiconductors
DSP56F801-7UM NXP-DSP56F801-7UM Datasheet
1Mb / 40P
   16-bit Digital Signal Controllers
Rev. 9 01/2007
logo
Freescale Semiconductor...
DSP56F801-7UM FREESCALE-DSP56F801-7UM Datasheet
622Kb / 48P
   16-bit Digital Signal Controllers
More results

Similar Description - DSP56F801-7UM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com