Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA45-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # CA45-1
Description  Cascadable Amplifier 1000 to 4000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CA45-1 Datasheet(HTML) 1 Page - Tyco Electronics

  CA45-1 Datasheet HTML 1Page - Tyco Electronics CA45-1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
!
"#
$
%
& '
'
'
( )'
* ' +
%$ ! &
'()
*
*
*
+
+ ,!
- ! . !/
0
- !
!
.
/
0
1
1
1
2 3
4
!
0
5
,$
.
/
0
6
7$ #$
8
0
# . !/
0
46
0
9
46
0
9
+
! 7
(
!
4
6
0
9
+: 2 4!#$
7$ #$ .
/
;< <$
! 8
.
/
=
,
: 4
;> 0=5;: 4
; (
(4
-( -=4
5
0 . ?6 /
@7: 574
+>
0 . ?6 /
- =
> ;>+4
-5
" =
* 2
#
"&A
,!B " " $
" !
!$
$ !,#
$
#
!
! " ,"
A &
"
!,
, - =
>
A C
#
,!
# &
#
3 #
!
"
3
A
A !
%$ ! & !,
=! 2
" C
$
;< #
$## &
$# !,
0 " 7*
! +$
' $! #
C ,
"
&
B ! '4@*+ ;*
!3 !
!
! !,
3
A
%
-
.
/ %
. -
0
1 .
=
*
7*
+'=
*
+$
' $!
<=
* DD
+'= < !!
)
0
2 3
4
.
0
2 3
+
,
#
$
*
E<
9
E<
<
#
$
E<
;<
,
9
< ! !$ $ 4!#$ 6
9
0
+"
4!#$ #
.
!$
/
:
6
C6
. F
/
:
G+H+
0$ !*4!
#
$
.
/
E<
"
4
.
"
2
!
IJ
E< :
!
6
;
#
! 6
:
K$!
!
#
$
2
=A 3 <
J
E<
D73
#
$
#
!
#
!$ A
<=
* B,$
!
<
9
< ! &
DD "
!!
)
3
!
!
2 (
#
!


Similar Part No. - CA45-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CA45-1 MA-COM-CA45-1 Datasheet
646Kb / 3P
   Cascadable Amplifier
More results

Similar Description - CA45-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PA48 MA-COM-PA48 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
RA46 MACOM-RA46 Datasheet
455Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45-1 MA-COM-A45-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45_15 Datasheet
643Kb / 3P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
LA45 MACOM-LA45 Datasheet
407Kb / 3P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
RA46 MA-COM-RA46 Datasheet
186Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A4012 MA-COM-A4012 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
A45-1 MACOM-A45-1 Datasheet
109Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
A45 MACOM-A45 Datasheet
104Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com