Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56F801E Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 56F801E
Description  16-bit Digital Signal Controllers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F801E Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 56F801E Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F801E Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F801E Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F801E Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F801E Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F801E Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F801E Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F801E Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F801E Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Introduction
56F801 Technical Data, Rev. 16
Freescale Semiconductor
9
Figure 2-1 56F801 Signals Identified by Functional Group1
1. Alternate pin functionality is shown in parenthesis.
56F801
Power Port
Ground Port
Power Port
Ground Port
PLL and Clock
or GPIO
SCI0 Port
or GPIO
VDD
VSS
VDDA
VSSA
VCAPC
EXTAL (GPIOB2)
XTAL (GPIOB3)
TCK
TMS
TDI
TDO
TRST
DE
JTAG/OnCE
Port
PWMA0-5
FAULTA0
SCLK (GPIOB4)
MOSI (GPIOB5)
MISO (GPIOB6)
SS (GPIOB7)
TXD0 (GPIOB0)
RXD0 (GPIOB1)
ANA0-7
VREF
TD0-2 (GPIOA0-2)
IRQA
RESET
Quad
Timer D
or GPIO
ADCA Port
Other
Supply
Port
4
5*
1
1
2
1
1
1
1
1
1
1
1
Interrupt/
Program
Control
6
1
1
1
1
1
1
1
8
1
3
1
1
SPI Port
or GPIO
*includes TCS pin which is reserved for factory use and is tied to VSS


Similar Part No. - 56F801E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F801E FREESCALE-56F801E Datasheet
541Kb / 48P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56F801E NXP-56F801E Datasheet
731Kb / 48P
   16-bit Digital Signal Controllers
Rev. 17 09/2007
More results

Similar Description - 56F801E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com