Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56800EFM Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 56800EFM
Description  16-bit Digital Signal Controllers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56800EFM Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  56800EFM Datasheet HTML 1Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 2Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 3Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 4Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 5Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 6Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 7Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 8Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
56F801 Description
56F801 Technical Data, Rev. 16
Freescale Semiconductor
5
Eleven multiplexed General Purpose I/O (GPIO) pins
Computer-Operating Properly (COP) watchdog timer
One dedicated external interrupt pin
External reset pin for hardware reset
JTAG/On-Chip Emulation (OnCE™) for unobtrusive, processor speed-independent debugging
Software-programmable, Phase Locked Loop-based frequency synthesizer for the controller core clock
Oscillator flexibility between either an external crystal oscillator or an on-chip relaxation oscillator for
lower system cost and two additional GPIO lines
1.1.4
Energy Information
Fabricated in high-density CMOS with 5V-tolerant, TTL-compatible digital inputs
Uses a single 3.3V power supply
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
Wait and Stop modes available
1.2 56F801 Description
The 56F801 is a member of the 56800 core-based family of processors. It combines, on a single chip, the
processing power of a DSP and the functionality of a microcontroller with a flexible set of peripherals to
create an extremely cost-effective solution. Because of its low cost, configuration flexibility, and
compact program code, the 56F801 is well-suited for many applications. The 56F801 includes many
peripherals that are especially useful for applications such as motion control, smart appliances, steppers,
encoders, tachometers, limit switches, power supply and control, automotive control, engine
management, noise suppression, remote utility metering, and industrial control for power, lighting, and
automation.
The 56800 core is based on a Harvard-style architecture consisting of three execution units operating in
parallel, allowing as many as six operations per instruction cycle. The microprocessor-style programming
model and optimized instruction set allow straightforward generation of efficient, compact code for both
DSP and MCU applications. The instruction set is also highly efficient for C compilers to enable rapid
development of optimized control applications.
The 56F801 supports program execution from either internal or external memories. Two data operands can
be accessed from the on-chip Data RAM per instruction cycle. The 56F801 also provides one external
dedicated interrupt lines and up to 11 General Purpose Input/Output (GPIO) lines, depending on peripheral
configuration.
The 56F801 controller includes 8K words (16-bit) of Program Flash and 2K words of Data Flash (each
programmable through the JTAG port) with 1K words of both Program and Data RAM. A total of 2K
words of Boot Flash is incorporated for easy customer-inclusion of field-programmable software routines
that can be used to program the main Program and Data Flash memory areas. Both Program and Data Flash
memories can be independently bulk erased or erased in page sizes of 256 words. The Boot Flash memory
can also be either bulk or page erased.


Similar Part No. - 56800EFM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56800EFM FREESCALE-56800EFM Datasheet
856Kb / 40P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56800EFM NXP-56800EFM Datasheet
788Kb / 57P
   56F803 Datasheet with Addendum
Rev. 17, 10/2015
logo
Freescale Semiconductor...
56800EFM FREESCALE-56800EFM Datasheet
689Kb / 52P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56800EFM NXP-56800EFM Datasheet
1Mb / 40P
   16-bit Digital Signal Controllers
Rev. 9 01/2007
logo
Freescale Semiconductor...
56800EFM FREESCALE-56800EFM Datasheet
729Kb / 56P
   16-bit Digital Signal Controllers
More results

Similar Description - 56800EFM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com