Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A32 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. A32
Description  Cascadable Amplifier 100 to 2000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A32 Datasheet(HTML) 2 Page - Tyco Electronics

  A32_1 Datasheet HTML 1Page - Tyco Electronics A32_1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cascadable Amplifier
100 to 2000 MHz
A32/ SMA32
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
2
Outline Drawing: TO-8
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount
*
Outline Drawing: SMA Connectorized
*
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
A43 100 TO 3200 MHz CASCADABLE AMPLIFIER 1  List of Unclassifed Manufacturers
SGL-0163 100 - 1300 MHz Silicon Germanium Cascadable Low Noise Amplifier 1  2  3  4  5  More SIRENZA MICRODEVICES
A31-1_1 Cascadable Amplifier 10 to 2000 MHz 1  2  Tyco Electronics
SGA-3363 DC-5500 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  5  SIRENZA MICRODEVICES
SGA-2286 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  SIRENZA MICRODEVICES
SGA-5589 DC-4000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  SIRENZA MICRODEVICES
A19-1_1 Cascadable Amplifier 10 to 1000 MHz 1  2  Tyco Electronics
SGA-3463 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  5  SIRENZA MICRODEVICES
SGA-2386 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  SIRENZA MICRODEVICES
SGA-6289 DC-4500 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  SIRENZA MICRODEVICES

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn