Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC101161DT Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # SC101161DT
Description  Device User Guide
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC101161DT Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button SC101161DT Datasheet HTML 23Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 24Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 25Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 26Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 27Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 28Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 29Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 30Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 142 page
background image
Device User Guide — 9S12DT128DGV2/D V02.15
27
Freescale Semiconductor
SAE J1850 Class B Data Communications Network Interface
Compatible and ISO Compatible for Low-Speed (<125 Kbps) Serial Data Communications in
Automotive Applications
Inter-IC Bus (IIC)
Compatible with I2C Bus standard
Multi-master operation
Software programmable for one of 256 different serial clock frequencies
112-Pin LQFP and 80-Pin QFP package options
I/O lines with 5V input and drive capability
5V A/D converter inputs
Operation at 50MHz equivalent to 25MHz Bus Speed
Development support
Single-wire background debug™ mode
On-chip hardware breakpoints
1.3 Modes of Operation
User modes
Normal and Emulation Operating Modes
Normal Single-Chip Mode
Normal Expanded Wide Mode
Normal Expanded Narrow Mode
Emulation Expanded Wide Mode
Emulation Expanded Narrow Mode
Special Operating Modes
Special Single-Chip Mode with active Background Debug Mode
Special Test Mode (Freescale use only)
Special Peripheral Mode (Freescale use only)
Low power modes
Stop Mode
Pseudo Stop Mode
Wait Mode


Similar Part No. - SC101161DT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC101161DT FREESCALE-SC101161DT Datasheet
1Mb / 140P
   Device User Guide
More results

Similar Description - SC101161DT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
MC9S12DT128CPVE FREESCALE-MC9S12DT128CPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12H256 FREESCALE-MC9S12H256 Datasheet
5Mb / 130P
   Device User Guide V01.18
MC9S12DT128B FREESCALE-MC9S12DT128B Datasheet
2Mb / 128P
   Device User Guide V01.09
MC9S12DT256 FREESCALE-MC9S12DT256_06 Datasheet
781Kb / 132P
   Device User Guide V03.07
logo
NXP Semiconductors
9S12XDP512DGV1 NXP-9S12XDP512DGV1 Datasheet
1Mb / 152P
   MC9S12XDP512 Device User Guide
V01.12 April 2004
9S12XDP512DGV2 NXP-9S12XDP512DGV2 Datasheet
1Mb / 176P
   MC9S12XDP512 Device User Guide
V02.05 November 18th 2004
logo
Freescale Semiconductor...
MC9S12D64CFUE FREESCALE-MC9S12D64CFUE Datasheet
1Mb / 128P
   MC9S12DJ64 Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com