Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12A128 Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MC9S12A128
Description  Device User Guide
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12A128 Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MC9S12A128 Datasheet HTML 96Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 97Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 98Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 99Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 100Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 101Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 102Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 103Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 142 page
background image
Device User Guide — 9S12DT128DGV2/D V02.15
100
Freescale Semiconductor
A device will be defined as a failure if after exposure to ESD pulses the device no longer meets the device
specification. Complete DC parametric and functional testing is performed per the applicable device
specification at room temperature followed by hot temperature, unless specified otherwise in the device
specification.
A.1.7 Operating Conditions
This chapter describes the operating conditions of the device. Unless otherwise noted those conditions
apply to all the following data.
NOTE:
Please refer to the temperature rating of the device (C, V, M) with regards to the
ambient temperature TA and the junction temperature TJ. For power dissipation
Table A-2 ESD and Latch-up Test Conditions
Model
Description
Symbol
Value
Unit
Human Body
Series Resistance
R1
1500
Ohm
Storage Capacitance
C
100
pF
Number of Pulse per pin
positive
negative
3
3
Machine
Series Resistance
R1
0
Ohm
Storage Capacitance
C
200
pF
Number of Pulse per pin
positive
negative
3
3
Latch-up
Minimum input voltage limit
–2.5
V
Maximum input voltage limit
7.5
V
Table A-3 ESD and Latch-Up Protection Characteristics
Num
C
Rating
Symbol
Min
Max
Unit
1
C Human Body Model (HBM)
VHBM
2000
V
2
C Machine Model (MM)
VMM
200
V
3
C Charge Device Model (CDM)
VCDM
500
V
4
C
Latch-up Current at 125
°C
positive
negative
ILAT
+100
–100
mA
5
C
Latch-up Current at 27
°C
positive
negative
ILAT
+200
–200
mA


Similar Part No. - MC9S12A128

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12A128 MOTOROLA-MC9S12A128 Datasheet
2Mb / 138P
   MC9S12DT128 Device User Guide V02.09
MC9S12A128 MOTOROLA-MC9S12A128 Datasheet
712Kb / 92P
   Microcontroller unit (MCU)
logo
Freescale Semiconductor...
MC9S12A128 FREESCALE-MC9S12A128 Datasheet
1Mb / 140P
   Device User Guide
MC9S12A128CPVE FREESCALE-MC9S12A128CPVE Datasheet
91Kb / 2P
   16-bit Microcontrollers MC9S12A128
More results

Similar Description - MC9S12A128

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
MC9S12DT128CPVE FREESCALE-MC9S12DT128CPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12H256 FREESCALE-MC9S12H256 Datasheet
5Mb / 130P
   Device User Guide V01.18
MC9S12DT128B FREESCALE-MC9S12DT128B Datasheet
2Mb / 128P
   Device User Guide V01.09
MC9S12DT256 FREESCALE-MC9S12DT256_06 Datasheet
781Kb / 132P
   Device User Guide V03.07
logo
NXP Semiconductors
9S12XDP512DGV1 NXP-9S12XDP512DGV1 Datasheet
1Mb / 152P
   MC9S12XDP512 Device User Guide
V01.12 April 2004
9S12XDP512DGV2 NXP-9S12XDP512DGV2 Datasheet
1Mb / 176P
   MC9S12XDP512 Device User Guide
V02.05 November 18th 2004
logo
Freescale Semiconductor...
MC9S12D64CFUE FREESCALE-MC9S12D64CFUE Datasheet
1Mb / 128P
   MC9S12DJ64 Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com