Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APBA3210YSGC-F01 Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APBA3210YSGC-F01
Description  3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APBA3210YSGC-F01 Datasheet(HTML) 2 Page - Kingbright Corporation

  APBA3210YSGC-F01 Datasheet HTML 1Page - Kingbright Corporation APBA3210YSGC-F01 Datasheet HTML 2Page - Kingbright Corporation APBA3210YSGC-F01 Datasheet HTML 3Page - Kingbright Corporation APBA3210YSGC-F01 Datasheet HTML 4Page - Kingbright Corporation APBA3210YSGC-F01 Datasheet HTML 5Page - Kingbright Corporation APBA3210YSGC-F01 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAF1096
REV NO: V.4
DATE: MAY/18/2007
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203003894
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2θ1/2
APBA3210YSGC-F01
Yellow (GaAsP/GaP)
WATER CLEAR
2.6
8
Super Bright Green (GaP)
4
12
120
°
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Yellow
Super Bright Green
590
565
nm
IF=20mA
λD [1]
Dominant Wavelength
Yellow
Super Bright Green
588
568
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Yellow
Super Bright Green
35
30
nm
IF=20mA
C
Capacitance
Yellow
Super Bright Green
20
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Yellow
Super Bright Green
2.1
2.2
2.5
2.5
V
IF=20mA
IR
Reverse Current
Yellow
Super Bright Green
10
10
uA
VR = 5V
Parameter
Yellow
Super Bright Green
Units
Power dissipation
75
62.5
mW
DC Forward Current
30
25
mA
Peak Forward Current [1]
140
140
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C


Similar Part No. - APBA3210YSGC-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APBA3210ESGC-F01 KINGBRIGHT-APBA3210ESGC-F01 Datasheet
337Kb / 6P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
APBA3210EYC-F01 KINGBRIGHT-APBA3210EYC-F01 Datasheet
339Kb / 6P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
APBA3210SURKCGKC-F01 KINGBRIGHT-APBA3210SURKCGKC-F01 Datasheet
339Kb / 6P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
APBA3210SURKSYKC-F01 KINGBRIGHT-APBA3210SURKSYKC-F01 Datasheet
183Kb / 6P
   3.2x1.0mmRIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
APBA3210SYKCGKC-F01 KINGBRIGHT-APBA3210SYKCGKC-F01 Datasheet
337Kb / 6P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
More results

Similar Description - APBA3210YSGC-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APBA3210SYKCGKC-F01 KINGBRIGHT-APBA3210SYKCGKC-F01 Datasheet
337Kb / 6P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDKVG88W SUNLED-ZMDKVG88W Datasheet
220Kb / 5P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
ZMDKBBA88W SUNLED-ZMDKBBA88W Datasheet
220Kb / 5P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
logo
Kingbright Corporation
APBA3210EYC-F01 KINGBRIGHT-APBA3210EYC-F01 Datasheet
339Kb / 6P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
APBA3210ESGC-F01 KINGBRIGHT-APBA3210ESGC-F01 Datasheet
337Kb / 6P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
APBA3210SURKCGKC-F01 KINGBRIGHT-APBA3210SURKCGKC-F01 Datasheet
339Kb / 6P
   3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
APFA3210PBAVGASURKC KINGBRIGHT-APFA3210PBAVGASURKC Datasheet
224Kb / 7P
   3.2x1.0mm RIGHT ANGLE FULL COLOR SMD CHIP LED LAMP
APFA3210QBCVGASEKC KINGBRIGHT-APFA3210QBCVGASEKC Datasheet
221Kb / 7P
   3.2x1.0mm RIGHT ANGLE FULL COLOR SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDK88W SUNLED-ZMDK88W Datasheet
190Kb / 4P
   3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMD88W SUNLED-ZMD88W Datasheet
191Kb / 4P
   3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com