Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT2574TSOCTG4 Datasheet(PDF) 4 Page - Synaptics Incorporated.

Part # CY74FCT2574TSOCTG4
Description  8-BIT REGISTER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CY74FCT2574TSOCTG4 Datasheet(HTML) 4 Page - Synaptics Incorporated.

  CY74FCT2574TSOCTG4 Datasheet HTML 1Page - Synaptics Incorporated. CY74FCT2574TSOCTG4 Datasheet HTML 2Page - Synaptics Incorporated. CY74FCT2574TSOCTG4 Datasheet HTML 3Page - Synaptics Incorporated. CY74FCT2574TSOCTG4 Datasheet HTML 4Page - Synaptics Incorporated. CY74FCT2574TSOCTG4 Datasheet HTML 5Page - Synaptics Incorporated. CY74FCT2574TSOCTG4 Datasheet HTML 6Page - Synaptics Incorporated. CY74FCT2574TSOCTG4 Datasheet HTML 7Page - Synaptics Incorporated. CY74FCT2574TSOCTG4 Datasheet HTML 8Page - Synaptics Incorporated. CY74FCT2574TSOCTG4 Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY74FCT2374T
8-BIT REGISTER
WITH 3-STATE OUTPUTS
SCCS040A – SEPTEMBER 1994 – REVISED OCTOBER 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
IIN = –18 mA
–0.7
–1.2
V
VOH
VCC = 4.75 V,
IOH = –15 mA
2.4
3.3
V
VOL
VCC = 4.75 V,
IOL = 12 mA
0.3
0.55
V
ROUT
VCC = 4.75 V,
IOL = 12 mA
20
25
40
Vhys
All inputs
0.2
V
II
VCC = 5.25 V,
VIN = VCC
5
µA
IIH
VCC = 5.25 V,
VIN = 2.7 V
±1
µA
IIL
VCC = 5.25 V,
VIN = 0.5 V
±1
µA
IOZH
VCC = 5.25 V,
VOUT = 2.7 V
10
µA
IOZL
VCC = 5.25 V,
VOUT = 0.5 V
–10
µA
IOS‡
VCC = 5.25 V,
VOUT = 0 V
–60
–120
–225
mA
Ioff
VCC = 0 V,
VOUT = 4.5 V
±1
µA
ICC
VCC = 5.25 V,
VIN ≤ 0.2 V,
VIN ≥ VCC – 0.2 V
0.1
0.2
mA
∆ICC
VCC = 5.25 V, VIN = 3.4 V§, f1 = 0, Outputs open
0.5
2
mA
ICCD¶
VCC = 5.25 V, Outputs open, One input switching at 50% duty cycle,
OE = GND, VIN ≤ 0.2 V or VIN ≥ VCC – 0.2 V
0.06
0.12
mA/
MHz
#
VCC = 5 25 V
One bit switching
at f1 = 5 MHz
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2V
0.7
1.4
IC#
VCC = 5.25 V,
Outputs open,
1
at 50% duty cycle
VIN = 3.4 V or GND
1.2
3.4
mA
IC#
,
f0 = 10 MHz,
OE = GND
Eight bits switching
at f1 = 2.5 MHz
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
1.6
3.2||
mA
1
at 50% duty cycle
VIN = 3.4 V or GND
3.9
12.2||
Ci
5
10
pF
Co
9
12
pF
† Typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus
and/or sample-and-hold techniques are preferable to minimize internal chip heating and more accurately reflect operational values. Otherwise,
prolonged shorting of a high output can raise the chip temperature well above normal and cause invalid readings in other parametric tests. In
any sequence of parameter tests, IOS tests should be performed last.
§ Per TTL-driven input (VIN = 3.4 V); all other inputs at VCC or GND
¶ This parameter is derived for use in total power-supply calculations.
# IC
= ICC + ∆ICC × DH × NT + ICCD (f0/2 + f1 × N1)
Where:
IC
= Total supply current
ICC
= Power-supply current with CMOS input levels
∆ICC = Power-supply current for a TTL high input (VIN = 3.4 V)
DH
= Duty cycle for TTL inputs high
NT
= Number of TTL inputs at DH
ICCD = Dynamic current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamperes and all frequencies are in megahertz.
|| Values for these conditions are examples of the ICC formula.


Similar Part No. - CY74FCT2574TSOCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2574TSOCT TI1-CY74FCT2574TSOCT Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT2574TSOCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
SN54LS323 MOTOROLA-SN54LS323 Datasheet
143Kb / 5P
   8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC595 RENESAS-HD74HC595_15 Datasheet
134Kb / 13P
   8-bit Shift Register/Latch (with 3-state outputs)
logo
Texas Instruments
CY74FCT825T TI1-CY74FCT825T_14 Datasheet
813Kb / 14P
[Old version datasheet]   8-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC595 RENESAS-HD74HC595 Datasheet
114Kb / 11P
   8-bit Shift Register/Latch (with 3-state outputs)
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Motorola, Inc
SN54LS299 MOTOROLA-SN54LS299 Datasheet
255Kb / 7P
   8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
CD4094BC FAIRCHILD-CD4094BC Datasheet
68Kb / 7P
   8-Bit Shift Register/Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com