Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

450MPS123 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part No. 450MPS123
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

450MPS123 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  450MPS123 Datasheet HTML 1Page - RUBYCON CORPORATION 450MPS123 Datasheet HTML 2Page - RUBYCON CORPORATION 450MPS123 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC
TX, TH TL, TJ
TN
TS
RATED VOLTAGE : 250VDC
DIMENSIONS AND QUANTITY
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
250MPS103
**
250MPS123
**
250MPS153
**
250MPS183
**
250MPS223
**
250MPS273
**
250MPS333
**
250MPS393
**
250MPS473
**
250MPS563
**
250MPS683
**
250MPS823
**
250MPS104
**
250MPS124
**
250MPS154
**
250MPS184
**
250MPS224
**
250MPS274
**
250MPS334
**
250MPS394
**
250MPS474
**
250MPS564
**
250MPS684
**
250MPS824
**
250MPS105
**
250MPS125
**
250MPS155
**
250MPS185
**
250MPS225
**
250MPS275
**
250MPS335
**
250MPS395
**
250MPS475
**
AB
C
F
1.0 LS 0.5
d
Bag
Carton
A
B, D
C
E
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
23.0
23.0
23.0
23.0
23.0
23.0
23.0
6.0
6.5
7.0
7.5
8.0
8.0
5.5
5.5
6.0
6.5
6.0
6.5
6.0
6.5
7.0
6.0
6.0
6.5
7.5
5.5
6.0
6.5
7.5
8.0
9.0
9.5
8.5
9.5
10.5
12.0
13.0
14.5
16.0
9.5
10.0
10.5
11.0
11.5
13.0
10.5
11.0
11.5
12.0
11.0
11.5
11.0
11.5
12.0
11.5
13.0
13.5
14.0
14.0
14.5
15.0
16.0
16.5
17.5
18.0
18.5
19.5
20.5
22.0
23.5
24.5
26.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
200
200
200
100
100
100
200
200
200
100
200
200
200
200
100
200
100
100
100
100
100
100
50
50
50
50
200
200
200
100
100
100
100
4,000
4,000
3,000
3,000
3,000
2,000
4,000
4,000
3,000
3,000
4,000
3,000
4,000
3,000
3,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
1,500
1,500
1,000
1,000
1,000
800
800
500
500
500
400
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
-
-
-
-
-
-
-
-
-
-
-
-
-
-
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
400
400
400
400
300
300
300
300
300
300
-
-
-
-
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
Long Lead type
Taping Ammo pack type - style
: Tolerance (H:
3%, J:
5%, K:
10%)
** : Suffix
S
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
-
-
-
-
-
-
-
-
-
-
-
-
-
-
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPS
cap(
µF)
cap(
µF)
+
-
+
-
+
-
+
-
+
-
450
RATED VOLTAGE : 450VDC
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
450MPS103
**
450MPS123
**
450MPS153
**
450MPS183
**
450MPS223
**
450MPS273
**
450MPS333
**
450MPS393
**
450MPS473
**
450MPS563
**
450MPS683
**
450MPS823
**
450MPS104
**
450MPS124
**
450MPS154
**
450MPS184
**
450MPS224
**
450MPS274
**
450MPS334
**
450MPS394
**
450MPS474
**
450MPS564
**
450MPS684
**
450MPS824
**
450MPS105
**
450MPS125
**
450MPS155
**
450MPS185
**
450MPS225
**
AB
C
F
1.0 LS
0.5
d
Bag
Carton
A
B, D
C
E
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
23.0
23.0
23.0
23.0
23.0
23.0
23.0
23.0
6.0
6.5
7.0
7.5
8.0
8.0
5.5
5.5
6.0
6.5
7.0
7.5
6.5
7.0
7.0
8.0
8.5
9.5
9.5
10.5
12.0
11.0
11.5
12.5
14.0
15.0
17.0
18.5
21.0
9.5
10.0
10.5
11.0
11.5
13.0
10.5
11.0
11.5
12.0
12.5
13.0
12.0
12.5
14.0
14.5
15.5
16.0
18.0
19.0
20.0
19.0
21.5
22.5
24.0
25.5
27.0
29.0
31.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
200
200
200
100
100
100
200
200
200
100
100
100
100
100
100
100
50
50
50
200
200
200
100
100
100
100
50
50
50
4,000
4,000
3,000
3,000
3,000
2,000
4,000
4,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
1,500
1,500
1,000
1,000
1,000
800
800
500
500
500
500
400
400
300
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
500
500
500
500
500
500
500
500
500
500
500
500
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
300
300
300
300
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
400
400
400
400
300
300
300
300
200
-
-
-
-
-
-
-
-
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
Long Lead type
Taping Ammo pack type - style
: Tolerance (H:
3%, J:
5%, K:
10%)
** : Suffix
S
400
400
400
400
400
400
400
400
400
400
400
400
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
TC
TX, TH TL, TJ
TN
TS
+
-
+
-
+
-
+
-
+
-


Similar Part No. - 450MPS123

ManufacturerPart No.DatasheetDescription
RUBYCON CORPORATION
RUBYCON CORPORATION
450MPH104 RUBYCON-450MPH104 Datasheet
219Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
450MPH104HH7 RUBYCON-450MPH104HH7 Datasheet
58Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
450MPH104HW7 RUBYCON-450MPH104HW7 Datasheet
58Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
450MPH104JH7 RUBYCON-450MPH104JH7 Datasheet
58Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
450MPH104JW7 RUBYCON-450MPH104JW7 Datasheet
58Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results

Similar Description - 450MPS123

ManufacturerPart No.DatasheetDescription
Illinois Capacitor, Inc.
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
MERITEK ELECTRONICS CORPORATION
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
RUBYCON CORPORATION
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
TDK Electronics
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
RUBYCON CORPORATION
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
Vishay Siliconix
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
RUBYCON CORPORATION
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
Cornell Dubilier Electronics
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
WESTECH COMPONENT CO., LTD.
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz