Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT2574CTQCTG4 Datasheet(PDF) 6 Page - Synaptics Incorporated.

Part # CY74FCT2574CTQCTG4
Description  8-BIT REGISTER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CY74FCT2574CTQCTG4 Datasheet(HTML) 6 Page - Synaptics Incorporated.

Back Button CY74FCT2574CTQCTG4 Datasheet HTML 2Page - Synaptics Incorporated. CY74FCT2574CTQCTG4 Datasheet HTML 3Page - Synaptics Incorporated. CY74FCT2574CTQCTG4 Datasheet HTML 4Page - Synaptics Incorporated. CY74FCT2574CTQCTG4 Datasheet HTML 5Page - Synaptics Incorporated. CY74FCT2574CTQCTG4 Datasheet HTML 6Page - Synaptics Incorporated. CY74FCT2574CTQCTG4 Datasheet HTML 7Page - Synaptics Incorporated. CY74FCT2574CTQCTG4 Datasheet HTML 8Page - Synaptics Incorporated. CY74FCT2574CTQCTG4 Datasheet HTML 9Page - Synaptics Incorporated. CY74FCT2574CTQCTG4 Datasheet HTML 10Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CY74FCT2374T
8-BIT REGISTER
WITH 3-STATE OUTPUTS
SCCS040A – SEPTEMBER 1994 – REVISED OCTOBER 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
(see Note B)
Output
Waveform 2
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈3.5 V
0 V
VOL + 0.3 V
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. The outputs are measured one at a time with one input transition per measurement.
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT FOR
3-STATE OUTPUTS
S1
7 V
500
GND
From Output
Under Test
CL = 50 pF
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
VOH – 0.3 V
500
500
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - CY74FCT2574CTQCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2574CTQCTG4 TI1-CY74FCT2574CTQCTG4 Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT2574CTQCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
SN54LS323 MOTOROLA-SN54LS323 Datasheet
143Kb / 5P
   8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC595 RENESAS-HD74HC595_15 Datasheet
134Kb / 13P
   8-bit Shift Register/Latch (with 3-state outputs)
logo
Texas Instruments
CY74FCT825T TI1-CY74FCT825T_14 Datasheet
813Kb / 14P
[Old version datasheet]   8-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC595 RENESAS-HD74HC595 Datasheet
114Kb / 11P
   8-bit Shift Register/Latch (with 3-state outputs)
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Motorola, Inc
SN54LS299 MOTOROLA-SN54LS299 Datasheet
255Kb / 7P
   8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
CD4094BC FAIRCHILD-CD4094BC Datasheet
68Kb / 7P
   8-Bit Shift Register/Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com