Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D69ZOV211RA65 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D69ZOV211RA65
Description  14mm Varistor Radial Leaded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D69ZOV211RA65 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D69ZOV211RA65 Datasheet HTML 1Page - List of Unclassifed Manufacturers D69ZOV211RA65 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note: All specifications subject to change without notice.
Rev A 09/2006 - Page: 2/2
Code: M01
Type D69
14mm Varistor
Radial Leaded
www.optifuse.com
(800) 621-0326
Mechanical Dimensions: Inches [mm]
Thermal Specifications:
Minimum Operating Temperature:
-40° C
Maximum Operating Temperature:
85° C
Varistor Voltage Temperature Coefficient:
-0.05° C
Minimum Storage Temperature:
-50° C
Maximum Storage Temperature:
125° C
Current/Energy Derating Above 85° C:
-2.5° C
Warning:
-Operation beyond the specified maximum ratings or improper use may result in damage and possible electrical
arcing and/or flame.
-Varistors are intended for occasional overcurrent protection. Application for repeated overcurrent condition
and/or prolonged trip are not anticipated.
-Avoid contact of Varistors with chemical solvent. Prolonged contact will damage the device performance.


Similar Part No. - D69ZOV211RA65

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D690S INFINEON-D690S Datasheet
170Kb / 6P
   Schnelle Diode Fast Diode
2008-09-15 revision:3.0
More results

Similar Description - D69ZOV211RA65

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AVTT SCHURTER-AVTT_V01 Datasheet
885Kb / 6P
   Radial Leaded Varistor
10.12.2013
logo
RFE international
JVR14N180M87 RFE-JVR14N180M87 Datasheet
129Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc
logo
Stackpole Electronics, ...
AVL SEI-AVL Datasheet
969Kb / 5P
   Automotive Leaded Varistor
08/14/2019
logo
RFE international
JVR14S180M87 RFE-JVR14S180M87 Datasheet
181Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc HIGH SURGE
logo
Schurter Inc.
AVTP SCHURTER-AVTP Datasheet
1Mb / 8P
   Radial Leaded Varistor (MOV), 120 - 360 VAC, 160 - 470 VDC
AVTS SCHURTER-AVTS Datasheet
998Kb / 7P
   Radial Leaded Varistor (MOV), 11 - 95 VAC, 14 - 127 VDC
logo
Stackpole Electronics, ...
ZVL SEI-ZVL Datasheet
1Mb / 6P
   Low Voltage Leaded Varistor
02/15/2021
logo
Schurter Inc.
AVTT SCHURTER-AVTT Datasheet
864Kb / 6P
   Radial Leaded Varistor (MOV), 390 - 1000 VAC, 500 - 1200 VDC
logo
RFE international
JVR14U201K87 RFE-JVR14U201K87 Datasheet
395Kb / 1P
   METAL OXIDE VARISTOR Ultra High Surge 14mm & 20mm
logo
Stackpole Electronics, ...
CVH SEI-CVH Datasheet
258Kb / 4P
   Medium Voltage Leaded Varistor
08/09/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com