Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYT6119AKG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CYT6119AKG
Description  400mA Super LDO Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CYT6119AKG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CYT6119AKG Datasheet HTML 1Page - List of Unclassifed Manufacturers CYT6119AKG Datasheet HTML 2Page - List of Unclassifed Manufacturers CYT6119AKG Datasheet HTML 3Page - List of Unclassifed Manufacturers CYT6119AKG Datasheet HTML 4Page - List of Unclassifed Manufacturers CYT6119AKG Datasheet HTML 5Page - List of Unclassifed Manufacturers CYT6119AKG Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
All contents are subject to change without prior notice.
1
400mA Super LDO Linear
Regulator
CYT6119
Description
The
CYT6119 is an efficient linear voltage
regulator. It has extra low dropout voltage. At light
loads the typical dropout voltage is 15mV, at full
load the typical dropout voltage is 600mV. The
output voltage accuracy is better than 2%.
The
CYT6119 has low ground current at 65uA,
so it can help prolong battery life. The
CYT6119 is
specially designed for hand-held, battery-powered
devices.
Features
Typical 175mV dropout voltage at 150mA.
Low Ground current at 65uA. (Typ.)
Guaranteed 400mA output over the full
operating temperature range.
Extremely tight load and line regulation.
Low temperature coefficient.
Current and thermal limiting.
No-load stability.
Standard SOT-89-3 package.
Pin Configuration
1
2
3
SOT-89
Top view
Applications
Active SCSI terminators.
Post regulators for switching supplies.
Battery chargers.
High-efficiency linear power supplies.
Computer motherboard, display, graphic card
DC/DC converter, such as 5V to 3.3V, 3.3V to
2.8V or 3.3V to 2.5V.
Typical Application
Control
Logic
1.25V Ref
Over Current
Protection
Thermal
Protection
Vout
5V
3.3V
Vin
gnd
gnd
gnd
C0
C=10u
C1
R2
rload
C=10u
M0
Ordering Information
CYT6119 _ _ _
PIN (1=>3): 1. G: OUT/GND/IN
2. N: GND/IN/OUT
Package Type: 1. K: SOT-89-3L
Output Voltage: 1. A: VOUT = 3.3V
2. B: VOUT = 2.8V
3. C: VOUT = 2.5V
4. D: VOUT = 1.8V
5. E: VOUT = 1.5V
6. F: VOUT = 3.0V


Similar Part No. - CYT6119AKG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
CYT6118AKG ETC2-CYT6118AKG Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
CYT6118BKG ETC2-CYT6118BKG Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
CYT6118CKG ETC2-CYT6118CKG Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
CYT6118DKG ETC2-CYT6118DKG Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
More results

Similar Description - CYT6119AKG

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
   600mA Super LDO Linear Regulator
logo
List of Unclassifed Man...
CYT6167 ETC2-CYT6167 Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
logo
ELM Technology Corporat...
ELM861212B1A-S ELM-TECH-ELM861212B1A-S Datasheet
133Kb / 13P
   Dual 400mA LDO Regulator
ELM86-SERIES ELM-TECH-ELM86-SERIES Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555 Datasheet
184Kb / 6P
   400mA LDO Dropout Voltage Regulator
VER 1.2
logo
ELM Electronics
ELM86 ELM-ELM86 Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
ELM Technology Corporat...
ELM86 ELM-TECH-ELM86 Datasheet
924Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com