Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHN205 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PHN205
Description  Dual N-channel enhancement mode MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN205 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PHN205 Datasheet HTML 4Page - NXP Semiconductors PHN205 Datasheet HTML 5Page - NXP Semiconductors PHN205 Datasheet HTML 6Page - NXP Semiconductors PHN205 Datasheet HTML 7Page - NXP Semiconductors PHN205 Datasheet HTML 8Page - NXP Semiconductors PHN205 Datasheet HTML 9Page - NXP Semiconductors PHN205 Datasheet HTML 10Page - NXP Semiconductors PHN205 Datasheet HTML 11Page - NXP Semiconductors PHN205 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1997 Oct 22
9
Philips Semiconductors
Product specification
Dual N-channel enhancement mode
MOS transistor
PHN205
PACKAGE OUTLINE
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
5.0
4.8
4.0
3.8
1.27
6.2
5.8
1.05
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
0.25
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
1.0
0.4
SOT96-1
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
4
5
pin 1 index
1
8
y
076E03S
MS-012AA
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.20
0.19
0.16
0.15
0.050
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.01
0.041
0.004
0.039
0.016
0
2.5
5 mm
scale
SO8: plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
95-02-04
97-05-22


Similar Part No. - PHN205

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHN203 PHILIPS-PHN203 Datasheet
98Kb / 7P
   Dual N-channel enhancement mode TrenchMOS transistor
January 1999 Rev 1.000
PHN203 NXP-PHN203 Datasheet
204Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 05-27 April 2010
logo
Nexperia B.V. All right...
PHN203 NEXPERIA-PHN203 Datasheet
767Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 05 - 27 April 2010
More results

Similar Description - PHN205

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N7002DCSM SEME-LAB-2N7002DCSM Datasheet
20Kb / 2P
   DUAL N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
NXP Semiconductors
BSH301 PHILIPS-BSH301 Datasheet
36Kb / 5P
   Dual N-channel enhancement mode MOS transistor
1999 Apr 06
BSH105 PHILIPS-BSH105 Datasheet
145Kb / 7P
   N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
logo
Seme LAB
2N7002CSM SEME-LAB-2N7002CSM Datasheet
14Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
Calogic, LLC
2N7000 CALOGIC-2N7000 Datasheet
25Kb / 2P
   N-Channel Enhancement-Mode MOS Transistor
2N7002 CALOGIC-2N7002 Datasheet
24Kb / 2P
   N-Channel Enhancement-Mode MOS Transistor
logo
Seme LAB
2N6660CSM4 SEME-LAB-2N6660CSM4 Datasheet
43Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
NXP Semiconductors
BSH107 PHILIPS-BSH107 Datasheet
152Kb / 7P
   N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH103 PHILIPS-BSH103 Datasheet
96Kb / 12P
   N-channel enhancement mode MOS transistor
1998 Feb 11
BSH104 PHILIPS-BSH104 Datasheet
51Kb / 8P
   N-channel enhancement mode MOS transistor
1997 Nov 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com