Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AM2520EJ-ID Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. AM2520EJ-ID
Description  SUBMINIATURE SOLID STATE LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM2520EJ-ID Datasheet(HTML) 2 Page - Kingbright Corporation

  AM2520EJ-ID Datasheet HTML 1Page - Kingbright Corporation AM2520EJ-ID Datasheet HTML 2Page - Kingbright Corporation AM2520EJ-ID Datasheet HTML 3Page - Kingbright Corporation AM2520EJ-ID Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAD1630
REV NO: V.5
DATE: MAY/25/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102005003
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
AM2520EJ/ID
High Efficiency Red (GaAsP/GaP)
RED DIFFUSED
7
30
40
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
High Efficiency Red
627
nm
IF=20mA
λD [1]
Dominant Wavelength
High Efficiency Red
625
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
High Efficiency Red
45
nm
IF=20mA
C
Capacitance
High Efficiency Red
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
High Efficiency Red
2
2.5
V
IF=20mA
IR
Reverse Current
High Efficiency Red
10
uA
VR = 5V
Parameter
High Efficiency Red
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
160
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM2520MBCK09SUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
AM27SURC09SUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
AM2520SGC08SUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
AM27EC08SUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
AM27SYC08SUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
AM2520MGC09SUBMINIATURE SOLID STATE LAMP 1 2 3 4 5 Kingbright Corporation
AM2520EG-4YD5VSUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
AM27SURCK03SUBMINIATURE SOLID STATE LAMP 1 2 3 4 5 Kingbright Corporation
AM2520SGC09SUBMINIATURE SOLID STATE LAMP 1 2 3 4 5 Kingbright Corporation
AM27EC09SUBMINIATURE SOLID STATE LAMP 1 2 3 4 5 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn