Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHN110 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PHN110
Description  N-channel enhancement mode MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN110 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PHN110 Datasheet HTML 4Page - NXP Semiconductors PHN110 Datasheet HTML 5Page - NXP Semiconductors PHN110 Datasheet HTML 6Page - NXP Semiconductors PHN110 Datasheet HTML 7Page - NXP Semiconductors PHN110 Datasheet HTML 8Page - NXP Semiconductors PHN110 Datasheet HTML 9Page - NXP Semiconductors PHN110 Datasheet HTML 10Page - NXP Semiconductors PHN110 Datasheet HTML 11Page - NXP Semiconductors PHN110 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1997 Jun 17
9
Philips Semiconductors
Product specification
N-channel enhancement mode
MOS transistor
PHN110
PACKAGE OUTLINE
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
5.0
4.8
4.0
3.8
1.27
6.2
5.8
1.05
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
0.25
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
1.0
0.4
SOT96-1
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
4
5
pin 1 index
1
8
y
076E03S
MS-012AA
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.20
0.19
0.16
0.15
0.050
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.01
0.041
0.004
0.039
0.016
0
2.5
5 mm
scale
SO8: plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
95-02-04
97-05-22


Similar Part No. - PHN110

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
   TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
logo
VBsemi Electronics Co.,...
PHN1011 VBSEMI-PHN1011 Datasheet
1,006Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
NXP Semiconductors
PHN1013 PHILIPS-PHN1013 Datasheet
60Kb / 8P
   N-channel enhancement mode MOS transistor
1997 Jun 20
PHN1015 PHILIPS-PHN1015 Datasheet
95Kb / 7P
   N-channel TrenchMOS transistor Logic level
December 1999 Rev 1.300
logo
VBsemi Electronics Co.,...
PHN1015 VBSEMI-PHN1015 Datasheet
1,003Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - PHN110

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSH105 PHILIPS-BSH105 Datasheet
145Kb / 7P
   N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
logo
Seme LAB
2N7002CSM SEME-LAB-2N7002CSM Datasheet
14Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
Calogic, LLC
2N7000 CALOGIC-2N7000 Datasheet
25Kb / 2P
   N-Channel Enhancement-Mode MOS Transistor
2N7002 CALOGIC-2N7002 Datasheet
24Kb / 2P
   N-Channel Enhancement-Mode MOS Transistor
logo
Seme LAB
2N6660CSM4 SEME-LAB-2N6660CSM4 Datasheet
43Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
NXP Semiconductors
BSH107 PHILIPS-BSH107 Datasheet
152Kb / 7P
   N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH103 PHILIPS-BSH103 Datasheet
96Kb / 12P
   N-channel enhancement mode MOS transistor
1998 Feb 11
BSH104 PHILIPS-BSH104 Datasheet
51Kb / 8P
   N-channel enhancement mode MOS transistor
1997 Nov 26
logo
Seme LAB
2N6660X SEME-LAB-2N6660X Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
Nexperia B.V. All right...
BSH103 NEXPERIA-BSH103 Datasheet
197Kb / 13P
   N-channel enhancement mode MOS transistor
1998 Feb 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com