Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM252016-180K Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CM252016-180K
Description  SMT Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM252016-180K Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CM252016-180K Datasheet HTML 1Page - Bourns Electronic Solutions CM252016-180K Datasheet HTML 2Page - Bourns Electronic Solutions CM252016-180K Datasheet HTML 3Page - Bourns Electronic Solutions CM252016-180K Datasheet HTML 4Page - Bourns Electronic Solutions CM252016-180K Datasheet HTML 5Page - Bourns Electronic Solutions CM252016-180K Datasheet HTML 6Page - Bourns Electronic Solutions CM252016-180K Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Specifications are subject to change without notice.
Inductance
Q
Test Frequency
SRF min.
RDC
IDC
Part number
uH
Tolerance
min.
MHz
MHz
ohm max
mA max
CM322522-47NM
0.047
±20%
10
100
680
0.20
450
CM322522-56NM
0.056
±20%
10
100
600
0.22
420
CM322522-68NM
0.068
±20%
10
100
540
0.25
400
CM322522-82NM
0.082
±20%
10
100
500
0.27
380
CM322522-R10M
0.10
±20%
10
100
450
0.30
360
CM322522-R12M
0.12
±20%
10
25.2
400
0.67
240
CM322522-R15M
0.15
±20%
10
25.2
350
0.72
230
CM322522-R18M
0.18
±20%
10
25.2
320
0.81
220
CM322522-R22M
0.22
±20%
25
25.2
230
0.29
360
CM322522-R27M
0.27
±20%
25
25.2
210
0.32
345
CM322522-R33M
0.33
±20%
25
25.2
190
0.35
330
CM322522-R39M
0.39
±20%
25
25.2
175
0.39
305
CM322522-R47M
0.47
±20%
25
25.2
160
0.44
290
CM322522-R56M
0.56
±20%
25
25.2
150
0.49
275
CM322522-R68M
0.68
±20%
25
25.2
135
0.55
260
CM322522-R82M
0.82
±20%
25
25.2
125
0.61
245
CM322522-1R0K
1.0
±10%
30
7.96
115
0.69
230
CM322522-1R2K
1.2
±10%
30
7.96
100
0.75
215
CM322522-1R5K
1.5
±10%
30
7.96
90
0.75
210
CM322522-1R8K
1.8
±10%
30
7.96
85
0.82
200
CM322522-2R2K
2.2
±10%
30
7.96
80
0.95
190
CM322522-2R7K
2.7
±10%
30
7.96
75
1.1
180
CM322522-3R3K
3.3
±10%
30
7.96
65
1.2
180
CM322522-3R9K
3.9
±10%
30
7.96
60
1.3
175
CM322522-4R7K
4.7
±10%
30
7.96
55
1.5
165
CM322522-5R6K
5.6
±10%
30
7.96
50
1.6
160
CM322522-6R8K
6.8
±10%
30
7.96
45
1.8
150
CM322522-8R2K
8.2
±10%
30
7.96
40
2.0
140
CM322522-100K
10
±10%
30
2.52
36
2.1
140
CM322522-120K
12
±10%
30
2.52
33
2.5
125
CM322522-150K
15
±10%
30
2.52
30
2.8
120
CM322522-180K
18
±10%
30
2.52
27
3.3
110
CM322522-220K
22
±10%
30
2.52
25
3.7
105
CM322522-270K
27
±10%
30
2.52
22
5.0
90
CM322522-330K
33
±10%
30
2.52
20
5.6
85
CM322522-390K
39
±10%
30
2.52
20
6.4
80
CM322522-470K
47
±10%
30
2.52
15
7.0
75
CM322522-560K
56
±10%
30
2.52
15
8.0
70
CM322522-680K
68
±10%
30
2.52
15
9.0
65
CM322522-820K
82
±10%
30
2.52
11
10
60
CM322522-101K
100
±10%
20
0.796
10
10
60
CM322522-121K
120
±10%
20
0.796
10
11
55
CM322522-151K
150
±10%
20
0.796
8
15
50
CM322522-181K
180
±10%
20
0.796
7
17
50
CM322522-221K
220
±10%
20
0.796
7
21
45
TIGHTER TOLERANCE AVAILABLE ON REQUEST. CONSULT FACTORY.
COMMENT: 47nH TO 180nH ‘AIR CORE’ / 220nH TO 220uH ‘FERRITE CORE’
Chip Inductor - CM322522 Series Wirewound


Similar Part No. - CM252016-180K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM252016-180KL BOURNS-CM252016-180KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
More results

Similar Description - CM252016-180K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5403 SUMIDA-5403 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
   SMT Chip Inductors
logo
Sumida Corporation
5408 SUMIDA-5408 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45_11 Datasheet
449Kb / 9P
   SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5406 SUMIDA-5406 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
PM1210 BOURNS-PM1210 Datasheet
267Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5309 SUMIDA-5309 Datasheet
1Mb / 10P
   SMT Chip Inductors
5308 SUMIDA-5308 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com