Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27C512-90C1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M27C512-90C1
Description  512 Kbit (64K x8) UV EPROM and OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C512-90C1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M27C512-90C1 Datasheet HTML 7Page - STMicroelectronics M27C512-90C1 Datasheet HTML 8Page - STMicroelectronics M27C512-90C1 Datasheet HTML 9Page - STMicroelectronics M27C512-90C1 Datasheet HTML 10Page - STMicroelectronics M27C512-90C1 Datasheet HTML 11Page - STMicroelectronics M27C512-90C1 Datasheet HTML 12Page - STMicroelectronics M27C512-90C1 Datasheet HTML 13Page - STMicroelectronics M27C512-90C1 Datasheet HTML 14Page - STMicroelectronics M27C512-90C1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
M27C512
DC and AC parameters
11/22
5
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC Characteristic tables that
follow are derived from tests performed under the Measurement Conditions summarized in
the relevant tables. Designers should check that the operating conditions in their circuit
match the measurement conditions when relying on the quoted parameters.
Figure 5.
Testing input/output waveform
Figure 6.
AC Testing Load Circuit
Table 6.
AC measurement conditions
High Speed
Standard
Input Rise and Fall Times
≤ 10ns
≤ 20ns
Input Pulse Voltages
0 to 3V
0.4V to 2.4V
Input and Output Timing Ref. Voltages
1.5V
0.8V and 2V
AI01822
3V
High Speed
0V
1.5V
2.4V
Standard
0.4V
2.0V
0.8V
AI01823B
1.3V
OUT
CL
CL = 30pF for High Speed
CL = 100pF for Standard
CL includes JIG capacitance
3.3k
1N914
DEVICE
UNDER
TEST


Similar Part No. - M27C512-90C1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C512-90C1 STMICROELECTRONICS-M27C512-90C1 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-90C1 STMICROELECTRONICS-M27C512-90C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-90C1E STMICROELECTRONICS-M27C512-90C1E Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-90C1F STMICROELECTRONICS-M27C512-90C1F Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-90C1TR STMICROELECTRONICS-M27C512-90C1TR Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
More results

Similar Description - M27C512-90C1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C4002-12F1 STMICROELECTRONICS-M27C4002-12F1 Datasheet
182Kb / 18P
   UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com