Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM27PBC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AM27PBC
Description  SUBMINIATURE SOLID STATE LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM27PBC Datasheet(HTML) 2 Page - Kingbright Corporation

  AM27PBC_01 Datasheet HTML 1Page - Kingbright Corporation AM27PBC_01 Datasheet HTML 2Page - Kingbright Corporation AM27PBC_01 Datasheet HTML 3Page - Kingbright Corporation AM27PBC_01 Datasheet HTML 4Page - Kingbright Corporation AM27PBC_01 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAG5698
REV NO: V.1
DATE: JUN/17/2006
PAGE: 2 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Z.Z.YANG
ERP: 1202001481
Selection Guide
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 20 mA
Viewing
Angle [1]
Min.
Typ.
2
θ1/2
AM27PBC/A08
BLUE (InGaN)
WATER CLEAR
110
250
20
°
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Blue
468
nm
IF=20mA
λD [1]
Dominant Wavelength
Blue
470
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Blue
21
nm
IF=20mA
C
Capacitance
Blue
100
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Blue
3.3
3.8
V
IF=20mA
IR
Reverse Current
Blue
10
uA
VR = 5V
Parameter
Blue
Units
Power dissipation
114
mW
DC Forward Current
30
mA
Peak Forward Current [1]
100
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Notes:
1.θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2.Luminous Intensity/ Luminous Flux: +/-15%
Notes:
1.Wavelength: +/-1nm
2.Forward Voltage: +/-0.1V


Similar Part No. - AM27PBC_01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AM27PBC-A03 KINGBRIGHT-AM27PBC-A03 Datasheet
299Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM27PBC-A08 KINGBRIGHT-AM27PBC-A08 Datasheet
176Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM27PBC-A09 KINGBRIGHT-AM27PBC-A09 Datasheet
306Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM27PBC/A03 KINGBRIGHT-AM27PBC/A03 Datasheet
303Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM27PBC/A03 KINGBRIGHT-AM27PBC/A03 Datasheet
299Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
More results

Similar Description - AM27PBC_01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AM2520EF-4ID KINGBRIGHT-AM2520EF-4ID Datasheet
381Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
logo
Gilway Technical Lamp
GHB-GW20-R GILWAY-GHB-GW20-R Datasheet
142Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
logo
Kingbright Corporation
AM27SEC09 KINGBRIGHT-AM27SEC09 Datasheet
138Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27SGC09 KINGBRIGHT-AM27SGC09 Datasheet
302Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM2520SGC08 KINGBRIGHT-AM2520SGC08 Datasheet
112Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27ID09 KINGBRIGHT-AM27ID09 Datasheet
123Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27MBCK09 KINGBRIGHT-AM27MBCK09 Datasheet
122Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27MGC09 KINGBRIGHT-AM27MGC09 Datasheet
303Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM27SYC03 KINGBRIGHT-AM27SYC03 Datasheet
122Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM2520MGC03 KINGBRIGHT-AM2520MGC03_07 Datasheet
282Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM2520SYC03 KINGBRIGHT-AM2520SYC03_05 Datasheet
120Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com