Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV25616 Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61LV25616
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV25616 Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61LV25616_01 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV25616_01 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV25616_01 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV25616_01 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV25616_01 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV25616_01 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV25616_01 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV25616_01 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LV25616_01 Datasheet HTML 11Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
11
Rev. C
11/01/01
1
2
3
4
5
6
7
8
9
10
11
12
IS61LV25616
ISSI®
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed
Order Part No.
Package
(ns)
10
IS61LV25616-10T
TSOP (Type II)
IS61LV25616-10K
400-mil SOJ
IS61LV25616-10LQ
LQFP
IS61LV25616-10B
Mini BGA (8mm x 10mm)
12
IS61LV25616-12T
TSOP (Type II)
IS61LV25616-12K
400-mil SOJ
IS61LV25616-12LQ
LQFP
IS61LV25616-12B
Mini BGA (8mm x 10mm)
15
IS61LV25616-15T
TSOP (Type II)
IS61LV25616-15K
400-mil SOJ
IS61LV25616-15LQ
LQFP
IS61LV25616-15B
Mini BGA (8mm x 10mm)
Industrial Range: –40°C to +85°C
Speed
Order Part No.
Package
(ns)
10
IS61LV25616-10TI
TSOP (Type II)
IS61LV25616-10KI
400-mil SOJ
IS61LV25616-10LQI
LQFP
IS61LV25616-10BI
Mini BGA (8mm x 10mm)
12
IS61LV25616-12TI
TSOP (Type II)
IS61LV25616-12KI
400-mil SOJ
IS61LV25616-12LQI
LQFP
IS61LV25616-12BI
Mini BGA (8mm x 10mm)
15
IS61LV25616-15TI
TSOP (Type II)
IS61LV25616-15KI
400-mil SOJ
IS61LV25616-15LQI
LQFP
IS61LV25616-15BI
Mini BGA (8mm x 10mm)
ISSI®
Integrated Silicon Solution, Inc.
2231 Lawson Lane
Santa Clara, CA 95054
Tel: 1-800-379-4774
Fax: (408) 588-0806
E-mail: sales@issi.com
www.issi.com


Similar Part No. - IS61LV25616_01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV25616-10B ICSI-IS61LV25616-10B Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61LV25616-10B ISSI-IS61LV25616-10B Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV25616-10BI ICSI-IS61LV25616-10BI Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61LV25616-10BI ISSI-IS61LV25616-10BI Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV25616-10K ICSI-IS61LV25616-10K Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV25616_01

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com