Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC75PWTG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # CD74HC75PWTG4
Description  Dual 2-Bit Bistable Transparent Latch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC75PWTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD74HC75PWTG4 Datasheet HTML 6Page - Texas Instruments CD74HC75PWTG4 Datasheet HTML 7Page - Texas Instruments CD74HC75PWTG4 Datasheet HTML 8Page - Texas Instruments CD74HC75PWTG4 Datasheet HTML 9Page - Texas Instruments CD74HC75PWTG4 Datasheet HTML 10Page - Texas Instruments CD74HC75PWTG4 Datasheet HTML 11Page - Texas Instruments CD74HC75PWTG4 Datasheet HTML 12Page - Texas Instruments CD74HC75PWTG4 Datasheet HTML 13Page - Texas Instruments CD74HC75PWTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD74HCT75E
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74HCT75EE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74HCT75M
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCT75ME4
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCT75MG4
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
1-Jun-2007
Addendum-Page 2


Similar Part No. - CD74HC75PWTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC75PWTG4 TI-CD74HC75PWTG4 Datasheet
508Kb / 17P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
More results

Similar Description - CD74HC75PWTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC75 TI-CD54HC75_08 Datasheet
508Kb / 17P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD74HC75 TI-CD74HC75 Datasheet
56Kb / 8P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75 Datasheet
348Kb / 15P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
logo
Intersil Corporation
HCTS75MS INTERSIL-HCTS75MS Datasheet
136Kb / 9P
   Radiation Hardened Dual 2-Bit Bistable Transparent Latch
September 1995
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
   Quad bistable transparent latch
December 1990
logo
Hitachi Semiconductor
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
   4-bit Bistable Latch
logo
Renesas Technology Corp
HD74HC77 RENESAS-HD74HC77 Datasheet
96Kb / 7P
   4-bit Bistable Latch
logo
IK Semicon Co., Ltd
IN74HC75A IKSEMICON-IN74HC75A Datasheet
218Kb / 6P
   Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC75A INTEGRAL-IN74HC75A Datasheet
214Kb / 6P
   Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC75 SLS-SL74HC75 Datasheet
45Kb / 5P
   Dual 2-Bit Transparent Latch(High-Performance Silicon-Gate CMOS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com