Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC75PWTG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74HC75PWTG4
Description  Dual 2-Bit Bistable Transparent Latch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC75PWTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC75PWTG4 Datasheet HTML 3Page - Texas Instruments CD74HC75PWTG4 Datasheet HTML 4Page - Texas Instruments CD74HC75PWTG4 Datasheet HTML 5Page - Texas Instruments CD74HC75PWTG4 Datasheet HTML 6Page - Texas Instruments CD74HC75PWTG4 Datasheet HTML 7Page - Texas Instruments CD74HC75PWTG4 Datasheet HTML 8Page - Texas Instruments CD74HC75PWTG4 Datasheet HTML 9Page - Texas Instruments CD74HC75PWTG4 Datasheet HTML 10Page - Texas Instruments CD74HC75PWTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
FIGURE 7. HC SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
FIGURE 8. HCT SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
Test Circuits and Waveforms (Continued)
trCL
tfCL
GND
VCC
GND
VCC
50%
90%
10%
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
VCC
50%
50%
90%
10%
50%
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
tH(H)
trCL
tfCL
GND
3V
GND
3V
1.3V
2.7V
0.3V
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
3V
1.3V
1.3V
1.3V
90%
10%
1.3V
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
1.3V
tH(H)
1.3V
CD54HC75, CD74HC75, CD54HCT75, CD74HCT75


Similar Part No. - CD74HC75PWTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC75PWTG4 TI-CD74HC75PWTG4 Datasheet
508Kb / 17P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
More results

Similar Description - CD74HC75PWTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC75 TI-CD54HC75_08 Datasheet
508Kb / 17P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD74HC75 TI-CD74HC75 Datasheet
56Kb / 8P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75 Datasheet
348Kb / 15P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
logo
Intersil Corporation
HCTS75MS INTERSIL-HCTS75MS Datasheet
136Kb / 9P
   Radiation Hardened Dual 2-Bit Bistable Transparent Latch
September 1995
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
   Quad bistable transparent latch
December 1990
logo
Hitachi Semiconductor
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
   4-bit Bistable Latch
logo
Renesas Technology Corp
HD74HC77 RENESAS-HD74HC77 Datasheet
96Kb / 7P
   4-bit Bistable Latch
logo
IK Semicon Co., Ltd
IN74HC75A IKSEMICON-IN74HC75A Datasheet
218Kb / 6P
   Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC75A INTEGRAL-IN74HC75A Datasheet
214Kb / 6P
   Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC75 SLS-SL74HC75 Datasheet
45Kb / 5P
   Dual 2-Bit Transparent Latch(High-Performance Silicon-Gate CMOS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com