Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B84134-F Datasheet(PDF) 2 Page - EPCOS

Part No. B84134-F
Description  4-Line Filters for Installations and Systems
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

B84134-F Datasheet(HTML) 2 Page - EPCOS

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
302 03/01
4-Line Filters
B84134-F
for Installations and Systems
Technical data
Characteristics and ordering codes
× = approval granted
Dimensional drawing
Rated voltage VR
440/250 V~, 50/60 Hz
Rated current IR
referred to 40
°C ambient temperature
Test voltage VP
1414 V–, 2 s (line/line)
2700 V–, 2 s (lines/case)
Leakage current I leak
at 400 V~, 50 Hz
Climatic category
in accordance with EN 60068-1
25/085/21 (– 25
°C/+ 85 °C/21 days damp heat test)
IR
A
I leak
mA
Approx.
weight
Ordering code
Approvals
12
< 3,5
1,1 kg
B84134-F12-A1
×××
565-3
Terminals:
Tab connectors 6,3 x 0,8mm


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn