Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP80S56E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CP80S56E
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP80S56E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CP80S56E Datasheet HTML 1Page - List of Unclassifed Manufacturers CP80S56E Datasheet HTML 2Page - List of Unclassifed Manufacturers CP80S56E Datasheet HTML 3Page - List of Unclassifed Manufacturers CP80S56E Datasheet HTML 4Page - List of Unclassifed Manufacturers CP80S56E Datasheet HTML 5Page - List of Unclassifed Manufacturers CP80S56E Datasheet HTML 6Page - List of Unclassifed Manufacturers CP80S56E Datasheet HTML 7Page - List of Unclassifed Manufacturers CP80S56E Datasheet HTML 8Page - List of Unclassifed Manufacturers CP80S56E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev0.1 Nov 30, 2005
P.1/CP8
0S54/S56
Devices Included in this Data Sheet:
CP80S54E/S56E : EPROM devices
CP80S54/S56 : Mask ROM devices
FEATURES
Only 42 single word instructions
All instructions are single cycle except for program branches which are two-cycle
13-bit wide instructions
All ROM/EPROM area GOTO instruction
All ROM/EPROM area subroutine CALL instruction
8-bit wide data path
5-level deep hardware stack
Operating speed: DC-20 MHz clock input
DC-100 ns instruction cycle
Device
Pins #
I/O #
EPROM/ROM (Byte)
RAM (Byte)
CP80S54/S54E
18
16
512
49
CP80S56/S56E
18
16
1K
49
Direct, indirect addressing modes for data accessing
8-bit real time clock/counter (Timer0) with 8-bit programmable prescaler
Internal Power-on Reset (POR)
Built-in Low Voltage Detector (LVD) for Brown-out Reset (BOR)
Power-up Reset Timer (PWRT) and Oscillator Start-up Timer(OST)
On chip Watchdog Timer (WDT) with internal oscillator for reliable operation and soft-ware watch-dog
enable/disable control
Two I/O ports IOA and IOB with independent direction control (maximum 16 I/O pins)
Soft-ware I/O pull-high/pull-down or open-drain control
One internal interrupt source: Timer0 overflow; Two external interrupt source: INT pin, Port B input change
Wake-up from SLEEP by INT pin or Port B input change
Power saving SLEEP mode
Built-in 8MHz, 4MHz, 1MHz, and 455KHz internal RC oscillator
Programmable Code Protection
Selectable oscillator options:
- ERC: External Resistor/Capacitor Oscillator
- HF: High Frequency Crystal/Resonator Oscillator
- XT: Crystal/Resonator Oscillator
- LF: Low Frequency Crystal Oscillator
- IRC: Internal Resistor/Capacitor Oscillator
- ERIC: External Resistor/Internal Capacitor Oscillator
Wide-operating voltage range:
- EPROM : 2.3V to 5.5V
- ROM : 2.3V to 5.5V
CP
80S54/56
EPROM/ROM-Based 8-Bit Microcontroller Series


Similar Part No. - CP80S56E

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP800 PANJIT-CP800 Datasheet
59Kb / 2P
   SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
logo
Transys Electronics
CP800 TRSYS-CP800 Datasheet
114Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
   Single Phase Bridge Rectifiers
logo
Pan Jit International I...
CP801 PANJIT-CP801 Datasheet
59Kb / 2P
   SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
logo
Transys Electronics
CP801 TRSYS-CP801 Datasheet
114Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - CP80S56E

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
TLC156 ETC1-TLC156 Datasheet
552Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com