Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPV364M4KPBF Datasheet(PDF) 2 Page - International Rectifier

Part # CPV364M4KPBF
Description  IGBT SIP MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPV364M4KPBF Datasheet(HTML) 2 Page - International Rectifier

  CPV364M4KPBF Datasheet HTML 1Page - International Rectifier CPV364M4KPBF Datasheet HTML 2Page - International Rectifier CPV364M4KPBF Datasheet HTML 3Page - International Rectifier CPV364M4KPBF Datasheet HTML 4Page - International Rectifier CPV364M4KPBF Datasheet HTML 5Page - International Rectifier CPV364M4KPBF Datasheet HTML 6Page - International Rectifier CPV364M4KPBF Datasheet HTML 7Page - International Rectifier CPV364M4KPBF Datasheet HTML 8Page - International Rectifier CPV364M4KPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CPV364M4KPbF
2
www.irf.com
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
110
170
IC = 13A
Qge
Gate - Emitter Charge (turn-on)
14
21
nC
VCC = 400V See Fig.8
Qgc
Gate - Collector Charge (turn-on)
49
74
VGE = 15V
td(on)
Turn-On Delay Time
50
tr
Rise Time
30
TJ = 25°C
td(off)
Turn-Off Delay Time
110
170
IC = 13A, VCC = 480V
tf
FallTime
91
140
VGE = 15V, RG = 10
Ω
Eon
Turn-On Switching Loss
0.56
Energy losses include "tail"
Eoff
Turn-Off Switching Loss
0.28
mJ
and diode reverse recovery
Ets
Total Switching Loss
0.84
1.1
See Fig. 9,10, 18
tsc
Short Circuit Withstand Time
10
μsVCC = 360V, TJ = 125°C
VGE = 15V, RG = 10
Ω , VCPK < 500V
td(on)
Turn-On Delay Time
47
TJ = 150°C, See Fig. 11,18
tr
Rise Time
30
IC = 13A, VCC = 480V
td(off)
Turn-Off Delay Time
250
VGE = 15V, RG = 10
Ω
tf
FallTime
150
Energy losses include "tail"
Ets
Total Switching Loss
1.28
mJ
and diode reverse recovery
LE
Internal Emitter Inductance
7.5
nH
Measured 5mm from package
Cies
Input Capacitance
1600
VGE = 0V
Coes
Output Capacitance
130
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
55
ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
42
60
ns
TJ = 25°C See Fig.
74
120
TJ = 125°C
14
IF = 15A
Irr
Diode Peak Reverse Recovery Current
4.0
6.0
A
TJ = 25°C See Fig.
6.5
10
TJ = 125°C
15
VR = 200V
Qrr
Diode Reverse Recovery Charge
80
180
nC
TJ = 25°C
See Fig.
220
600
TJ = 125°C
16
di/dt = 200Aμs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
188
A/μsTJ = 25°C
See Fig.
During tb
160
TJ = 125°C
17
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
ns
ns
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
–––
–––
V
VGE = 0V, IC = 250μA
ΔV(BR)CES/ΔTJ Temperature Coeff. of Breakdown Voltage ––– 0.63 ––– V/°C
VGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
––– 1.80
2.3
IC = 13A
VGE = 15V
––– 1.80 –––
V
IC = 24A
See Fig. 2, 5
––– 1.56 1.73
IC = 13A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
–––
6.0
VCE = VGE, IC = 250μA
ΔVGE(th)/ΔTJ
Temperature Coeff. of Threshold Voltage
–––
-13
––– mV/°C VCE = VGE, IC = 250μA
gfe
Forward Transconductance
11
18
–––
S
VCE = 100V, IC = 10A
ICES
Zero Gate Voltage Collector Current
–––
–––
250
μAVGE = 0V, VCE = 600V
–––
––– 3500
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
–––
1.3
1.7
V
IC = 15A
See Fig. 13
–––
1.2
1.6
IC = 15A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
–––
––– ±100
nA
VGE = ±20V


Similar Part No. - CPV364M4KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPV364M4KPBF VISHAY-CPV364M4KPBF Datasheet
269Kb / 11P
   CPV364M4KPBF (Short Circuit Rated Ultrafast IGBT)
Revision: 01-Sep-08
More results

Similar Description - CPV364M4KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV362M4F IRF-CPV362M4F Datasheet
283Kb / 10P
   IGBT SIP MODULE
CPV364M4F IRF-CPV364M4F Datasheet
245Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
CPV362M4FPBF VISHAY-CPV362M4FPBF Datasheet
246Kb / 9P
   IGBT SIP Module
Revision: 10-Jun-15
logo
International Rectifier
CPV363M4K IRF-CPV363M4K Datasheet
176Kb / 10P
   IGBT SIP MODULE
CPV364M4K IRF-CPV364M4K Datasheet
283Kb / 10P
   IGBT SIP MODULE
CPV363M4U IRF-CPV363M4U Datasheet
275Kb / 10P
   IGBT SIP MODULE
CPV362M4F IRF-CPV362M4F Datasheet
287Kb / 10P
   IGBT SIP MODULE
CPV364M4U IRF-CPV364M4U Datasheet
273Kb / 10P
   IGBT SIP MODULE
CPV363M4F IRF-CPV363M4F Datasheet
269Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
VS-CPV362M4FPBF VISHAY-VS-CPV362M4FPBF Datasheet
237Kb / 9P
   IGBT SIP Module (Fast IGBT)
01-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com