Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP80S56 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CP80S56
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP80S56 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CP80S56 Datasheet HTML 5Page - List of Unclassifed Manufacturers CP80S56 Datasheet HTML 6Page - List of Unclassifed Manufacturers CP80S56 Datasheet HTML 7Page - List of Unclassifed Manufacturers CP80S56 Datasheet HTML 8Page - List of Unclassifed Manufacturers CP80S56 Datasheet HTML 9Page - List of Unclassifed Manufacturers CP80S56 Datasheet HTML 10Page - List of Unclassifed Manufacturers CP80S56 Datasheet HTML 11Page - List of Unclassifed Manufacturers CP80S56 Datasheet HTML 12Page - List of Unclassifed Manufacturers CP80S56 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
Rev0.1 Nov 30, 2005
P.9/
CP80S54/S56
2.1.4 STATUS (Status Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
03h (r/w)
STATUS
GP2
GP1
GP0
TO
PD
Z
DC
C
This register contains the arithmetic status of the ALU, the RESET status.
If the STATUS Register is the destination for an instruction that affects the Z, DC or C bits, then the write to these
three bits is disabled. These bits are set or cleared according to the device logic. Furthermore, the TO and PD bits
are not writable. Therefore, the result of an instruction with the STATUS Register as destination may be different
than intended. For example, CLRR STATUS will clear the upper three bits and set the Z bit. This leaves the
STATUS Register as 000u u1uu (where u = unchanged).
C
: Carry/borrow bit.
ADDAR, ADDIA
= 1, a carry occurred.
= 0, a carry did not occur.
SUBAR, SUBIA
= 1, a borrow did not occur.
= 0, a borrow occurred.
Note : A subtraction is executed by adding the two’s complement of the second operand. For rotate (RRR, RLR)
instructions, this bit is loaded with either the high or low order bit of the source register.
DC
: Half carry/half borrow bit.
ADDAR, ADDIA
= 1, a carry from the 4th low order bit of the result occurred.
= 0, a carry from the 4th low order bit of the result did not occur.
SUBAR, SUBIA
= 1, a borrow from the 4th low order bit of the result did not occur.
= 0, a borrow from the 4th low order bit of the result occurred.
Z
: Zero bit.
= 1, the result of a logic operation is zero.
= 0, the result of a logic operation is not zero.
PD
: Power down flag bit.
= 1, after power-up or by the CLRWDT instruction.
= 0, by the SLEEP instruction.
TO
: Time overflow flag bit.
= 1, after power-up or by the CLRWDT or SLEEP instruction.
= 0, a watch-dog time overflow occurred.
GP2:GP0
: General purpose read/write bits.
2.1.5 FSR (Indirect Data Memory Address Pointer)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
04h (r/w)
FSR
*
*
Indirect data memory address pointer
Bit5:Bit0
: Select registers address in the indirect addressing mode. See 2.1.1 for detail description.
Bit7:Bit6
: Not used. Read as “1”s.
CP
80S54/56


Similar Part No. - CP80S56

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP800 PANJIT-CP800 Datasheet
59Kb / 2P
   SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
logo
Transys Electronics
CP800 TRSYS-CP800 Datasheet
114Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
   Single Phase Bridge Rectifiers
logo
Pan Jit International I...
CP801 PANJIT-CP801 Datasheet
59Kb / 2P
   SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
logo
Transys Electronics
CP801 TRSYS-CP801 Datasheet
114Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - CP80S56

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
TLC156 ETC1-TLC156 Datasheet
552Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com