Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7112-1A Datasheet(PDF) 3 Page - NEC

Part # PS7112-1A
Description  6 PIN DIP SOLID STATE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7112-1A Datasheet(HTML) 3 Page - NEC

  PS7112-1A_01 Datasheet HTML 1Page - NEC PS7112-1A_01 Datasheet HTML 2Page - NEC PS7112-1A_01 Datasheet HTML 3Page - NEC PS7112-1A_01 Datasheet HTML 4Page - NEC PS7112-1A_01 Datasheet HTML 5Page - NEC PS7112-1A_01 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
Ambient Temperature, TA (
°C)
NORMALIZED ON-STATE RESISTANCE
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
MAXIMUM LOAD CURRENT
vs. AMBIENT TEMPERATURE
On-State Resistance, RON (
Ω)
ON-STATE RESISTANCE DISTRIBUTION
Supply Voltage, VCC (V)
Ambient Temperature, TA (
°C)
OUTPUT CAPACITANCE
vs. SUPPLY VOLTAGE
FORWARD VOLTAGE vs.
AMBIENT TEMPERATURE
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
PS7112-1A, PS7112L-1A
100
80
60
40
20
0
025
-25
50
75
80
100
300
250
150
50
200
100
0
025
-25
50
75
80
100
1.6
1.4
1.2
1.0
0.8
025
-25
50
75
100
IF = 50 mA
30 mA
20 mA
10 mA
5 mA
1 mA
250
200
150
100
50
0
20
40
60
80
100
120
f = 1 MHz
Normalized to 1.0
at TA = 25
°C
IF = 10 mA
IL = 10 mA
3.0
2.5
2.0
1.5
1.0
0.5
0
-25
025
50
75
100
30
25
15
20
10
5
0
2.9
2.8
3.0
n = 50 pcs
IF =10 mA
IL = 10 mA


Similar Part No. - PS7112-1A_01

ManufacturerPart #DatasheetDescription
logo
NEC
PS7112-1A NEC-PS7112-1A Datasheet
74Kb / 12P
   6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7112-1A CEL-PS7112-1A Datasheet
54Kb / 6P
   6 PIN DIP SOLID STATE RELAY
More results

Similar Description - PS7112-1A_01

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7112-1A CEL-PS7112-1A Datasheet
54Kb / 6P
   6 PIN DIP SOLID STATE RELAY
logo
NEC
PS7342C-1A NEC-PS7342C-1A Datasheet
55Kb / 6P
   6 PIN DIP SOLID STATE RELAY
PS7360 NEC-PS7360 Datasheet
50Kb / 5P
   HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY
PS7142-2A NEC-PS7142-2A Datasheet
44Kb / 7P
   8 PIN DIP SOLID STATE RELAY
PS7111-2A NEC-PS7111-2A_01 Datasheet
50Kb / 6P
   8 PIN DIP SOLID STATE RELAY
logo
California Eastern Labs
PS7111-2A CEL-PS7111-2A Datasheet
51Kb / 6P
   8 PIN DIP SOLID STATE RELAY
logo
Adam Technologies, Inc.
SSR1A-350-120-35-6T ADAM-TECH-SSR1A-350-120-35-6T Datasheet
89Kb / 1P
   SOLID STATE RELAY 6 & 8 PIN DIP PACKAGES-TYPE SSR
logo
California Eastern Labs
PS7341B-1B CEL-PS7341B-1B Datasheet
34Kb / 2P
   6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
logo
NEC
PS7341B-1B NEC-PS7341B-1B Datasheet
31Kb / 2P
   6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
PS7241-AT1 NEC-PS7241-AT1 Datasheet
69Kb / 8P
   8-PIN SOP SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com