Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10C0.5YY Datasheet(PDF) 2 Page - Belden Inc.

Part # 10C0.5YY
Description  MachFlex™ LiYY, 10 C 0.5mm² Str BC, PVC Ins, PVC Jkt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

10C0.5YY Datasheet(HTML) 2 Page - Belden Inc.

  10C0.5YY Datasheet HTML 1Page - Belden Inc. 10C0.5YY Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environmental Suitability:
Sunlight Resistance, UV Resistance
Flammability / Reaction to
Fire:
IEC 60332-1-2, DIN VDE 0482-332-1-2, DIN EN 60332-1-2
ISO/IEC Compliance:
IEC 60228
CENELEC Compliance:
EN 50290-2-22EN 50363-4-1
European Directive
Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), REACH, EU Directive 2011/65/EU (RoHS 2)
Other Standard
Compliance(s):
VDE 0812, DIN 47100, BS 6360
History
Update and Revision:
Revision Number: 0.49 Revision Date: 11-28-2023
Part Numbers
Variants
Item #
Color
Length
10C0.5YY 010100M
Black
100 m
10C0.5YY 010200M
Black
200 m
10C0.5YY 010300M
Black
300 m
10C0.5YY 006100M
Blue
100 m
10C0.5YY 006200M
Blue
200 m
10C0.5YY 006300M
Blue
300 m
10C0.5YY F2V100M Gray, RAL 7032 100 m
10C0.5YY F2V200M Gray, RAL 7032 200 m
10C0.5YY F2V300M Gray, RAL 7032 300 m
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - 10C0.5YY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10C0.5HH BELDEN-10C0.5HH Datasheet
158Kb / 2P
   MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
10C0.5HH-006100M BELDEN-10C0.5HH-006100M Datasheet
158Kb / 2P
   MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
10C0.5HH-006200M BELDEN-10C0.5HH-006200M Datasheet
158Kb / 2P
   MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
10C0.5HH-006300M BELDEN-10C0.5HH-006300M Datasheet
158Kb / 2P
   MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
10C0.5HH-010100M BELDEN-10C0.5HH-010100M Datasheet
158Kb / 2P
   MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
More results

Similar Description - 10C0.5YY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8678 BELDEN-8678 Datasheet
153Kb / 2P
   Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
   Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
8456 BELDEN-8456 Datasheet
218Kb / 2P
   Electronic, 10 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
19140 BELDEN-19140 Datasheet
143Kb / 2P
   Portable Cordage, 2 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
19362 BELDEN-19362 Datasheet
142Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
8629 BELDEN-8629 Datasheet
166Kb / 2P
   Electronic, 12 C #14 Str TC, PVC Ins, PVC Jkt
05-05-2023
19352 BELDEN-19352 Datasheet
139Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
19401 BELDEN-19401 Datasheet
143Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
03-04-2023
19403 BELDEN-19403 Datasheet
146Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
9998 BELDEN-9998 Datasheet
139Kb / 2P
   Portable Cordage, 3 C #16 Str BC, PVC Ins, PVC Jkt, UL Type SJT
05-05-2023
19402 BELDEN-19402 Datasheet
176Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-11-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com