Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDM180DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM180DR
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM180DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDM180DR Datasheet HTML 2Page - Texas Instruments SN65LVDM180DR Datasheet HTML 3Page - Texas Instruments SN65LVDM180DR Datasheet HTML 4Page - Texas Instruments SN65LVDM180DR Datasheet HTML 5Page - Texas Instruments SN65LVDM180DR Datasheet HTML 6Page - Texas Instruments SN65LVDM180DR Datasheet HTML 7Page - Texas Instruments SN65LVDM180DR Datasheet HTML 8Page - Texas Instruments SN65LVDM180DR Datasheet HTML 9Page - Texas Instruments SN65LVDM180DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS
DRIVER SWITCHING CHARACTERISTICS
SN65LVDM179, SN65LVDM180
SN65LVDM050, SN65LVDM051
SLLS324H – DECEMBER 1998 – REVISED MAY 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIT+
Positive-going differential input voltage threshold
50
See Figure 5 and Table 2
mV
VIT-
Negative-going differential input voltage threshold
–50
VOH
High-level output voltage
IOH = -8 mA
2.4
V
VOL
Low-level output voltage
IOL = 8 mA
0.4
V
VI = 0
–20
–11
II
Input current (A or B inputs)
µA
VI = 2.4 V
–3
–1.2
II(OFF)
Power-off input current (A or B inputs)
VCC = 0
–20
20
µA
IIH
High-level input current (enables)
VIH = 5 V
10
µA
IIL
Low-level input current (enables)
VIL = 0.8 V
10
µA
IOZ
High-impedance output current
VO = 0 or 5 V
–10
10
µA
CI
Input capacitance
5
pF
(1)
All typical values are at 25°C and with a 3.3-V supply.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
1.7
2.7
ns
tPHL
Propagation delay time, high-to-low-level output
1.7
2.7
ns
tr
Differential output signal rise time
0.6
1
ns
RL = 50Ω,
tf
Differential output signal fall time
CL = 10 pF,
0.6
1
ns
See Figure 6
tsk(p)
Pulse skew (|tpHL– tpLH|)
250
ps
tsk(o)
Channel-to-channel output skew(2)
100
ps
tsk(pp)
Part-to-part skew(3)
1
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
6
10
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
6
10
ns
See Figure 7
tPHZ
Propagation delay time, high-level-to-high-impedance output
4
10
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
5
10
ns
(1)
All typical values are at 25°C and with a 3.3-V supply.
(2)
tsk(o) is the maximum delay time difference between drivers on the same device.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
6
Submit Documentation Feedback


Similar Part No. - SN65LVDM180DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM180DR TI-SN65LVDM180DR Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM180DRG4 TI-SN65LVDM180DRG4 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDM180DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com